Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXMS150PSI Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXMS150PSI
Description  High Performance Dual PWM Microstepping Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXMS150PSI Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IXMS150PSI Datasheet HTML 2Page - IXYS Corporation IXMS150PSI Datasheet HTML 3Page - IXYS Corporation IXMS150PSI Datasheet HTML 4Page - IXYS Corporation IXMS150PSI Datasheet HTML 5Page - IXYS Corporation IXMS150PSI Datasheet HTML 6Page - IXYS Corporation IXMS150PSI Datasheet HTML 7Page - IXYS Corporation IXMS150PSI Datasheet HTML 8Page - IXYS Corporation IXMS150PSI Datasheet HTML 9Page - IXYS Corporation IXMS150PSI Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
I - 40
© 1998 IXYS All rights reserved
IXMS 150
the H-bridge that must be properly
filtered if the system is to operate with
the desired degree of precision.
This presents a significant engineering
challenge that has been solved by
IXYS’s design team. Using proprietary
analog and digital signal processing
techniques, IXYS has developed a
control system that measures the true
average phase currents. Requiring only
one sense resistor per H-bridge, this
technique avoids errors due to mis-
matches in charge/discharge currents
associated with using one sense resi-
stor on each leg of the H-bridge. This
improves system performance as well
as minimizing component count. The
sense resistor for each H-bridge should
be selected based on the required peak
motor current:
R
S = 0.625 V/Impk
(9)
The voltage developed across this
resistor is then applied to the corres-
ponding sense input for each H-bridge.
Negative bias Generator
One of today’s cost cutting trends is to
minimize the number of power supplies,
implying single supply operation for the
control section. Yet the current feed-
back and reference inputs are bipolar
signals. Level shifting has been used
for the reference input in the past, but
that can not be easily done for the
feedback signal without impacting
accuracy or efficiency. In practice one
finds that in order to generate true zero
voltage having low impedance drive
there must be a negative power supply.
Otherwise there will be a tradeoff
sacrificing accuracy for simpler system
design.
For these reasons the approach selec-
ted by IXYS was different. Taking
advantage of our CMOS design, we
opted to build into the chip a negative
bias generator. This does put stringent
demands on noise coupling but results
in the most flexible system having the
highest possible accuracy. The built in
charge pump circuit requires two capa-
citors and two diodes to be added
externally. The recommended compo-
nent values for an oscillator frequency
of 100 kHz are given below.
C1 = 0.047 µF
C2 = 100 µF
D1 = D2 = 1N4148
Note: V
BB = -(VDD/5)
in torque value errors but no positioning
errors. The question is, what is the
upper bound on the current errors in
order to keep the position error within
some given angle ∆θ.
Referring to Fig. 3, assume the required
currents i
A, iB are given by Equations
(1), (2) respectively such that their
vector sum points to position P. Let the
phase currents vary by a small amount
such that their vector sum lies within a
circle centered at point P and having
the radius i, as indicated in Fig. 3.
Fig. 3 Effect of Current Errors on
Position
If follows that the worst case position
error occurs for the cases where the
vector sum is tangent to the circle such
as point P
1, at which:
tan (∆ θ) = ∆ i/l
0
(6)
For instance, to keep position error to
less than 1% of a full step, the electrical
angular error would be:
∆ θ = 0.01 • 90° = 0.9°
(7)
This is assuming there are 90 electrical
degrees for a full step. Therefore total
current error must be:
i/I
0 = tan (∆θ) = 0.016 or 1.6 %)
(8)
Thus the current error must be kept to
less than 1.6 % of full scale or peak
current at each phase for 1 % maximum
position error. This upper bound on
error includes all error sources such as
zero offset errors and full scale matching
errors. Another interesting observation
is that in the vicinity of a full step (i.e.,
θe = 0), the phase having the bigger
impact on position error is the one
carrying the smaller current through it.
This has a strong impact on input
waveform generation.
Input waveform generation
It has been shown that the two input
signals, VIN
A and VINB, are sinusoidal
and 90° out of phase. This may be
accomplished by using two look-up
Fig. 4 Simple Reference Waveform
Generator
tables stored in ROM and two DACs
per Fig. 4. An up/down counter may be
used to generate the appropriate
address locations for the ROMs and the
data outputs used to control the DACs.
The user then need only supply up or
down pulses to the counter to control
the IXMS150 and hence the motor.
In higher performance systems a
microprocessor may be used in place
of the counter and the ROMs. The
micro can perform the look-up function
and calculate the appropriate system
responses, velocity profiles, etc.
necessary for total system operation.
An example of this configuration is
shown in Fig. 5.
Current Sensing Considerations
Most commercially available monolithic
PWM controllers monitor and control
the peak of the phase current by com-
paring the voltage across the sense
resistor with a ramp voltage. This
approach assumes that the ripple
current is fixed in amplitude. Results
shown later clearly indicate the varia-
tion of the ripple current with frequency.
But even in fixed frequency systems
the ripple current is directly proportional
to the motor supply voltage and to the
back EMF voltage of the motor. Ripple
current is not insignificant compared to
the full scale current and therefore
cannot be neglected in a precision
system. In addition, there are transients
associated with the turn on and turn off
characteristics of the power devices in
Fig. 5 Microprocessor Based
Referenced Waveform Generator



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com