Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXMS150PSI Datasheet(PDF) 9 Page - IXYS Corporation

Part # IXMS150PSI
Description  High Performance Dual PWM Microstepping Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXMS150PSI Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IXMS150PSI Datasheet HTML 2Page - IXYS Corporation IXMS150PSI Datasheet HTML 3Page - IXYS Corporation IXMS150PSI Datasheet HTML 4Page - IXYS Corporation IXMS150PSI Datasheet HTML 5Page - IXYS Corporation IXMS150PSI Datasheet HTML 6Page - IXYS Corporation IXMS150PSI Datasheet HTML 7Page - IXYS Corporation IXMS150PSI Datasheet HTML 8Page - IXYS Corporation IXMS150PSI Datasheet HTML 9Page - IXYS Corporation IXMS150PSI Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
I - 43
© 1998 IXYS All rights reserved
IXMS 150
Fig. 10b Input Offset Adjust Circuit
L
m
= motor inductance
R
m
= motor winding resistance
R
sw
= power switch resistance
R
s
= sense resistor
It is very important that the motor induc-
tance value used in the analysis is not
the value on the manufacturer’s data
sheet but rather the value observed in
actual operation. The PWM action
causes high frequency effects that can
change the apparent small signal
inductance significantly. These effects
are dependent upon voltage as well as
current and frequency. It is best to
measure the observed current ripple at
the motor supply voltage and switching
frequency you expect to use and
calculate the actual motor inductance
using:
L
m = VHV/((2 • Fosc)(Imax-Imin))
(19)
It is also important to note that both R
m
and R
sw are temperature dependent.
The motor winding resistance can
increase by as much as 30 % at high
temperatures, and if FETs are used as
power devices, R
sw can increase to 2.2
times its value at room temperature.
Substituting equations 15 through 18
into equation 14 gives the expanded
loop gain equation (eq. 20):
(1+sRC) • 2Vhv • 1 • 2Rs
G
loop(s) =
sR
2C • VA • (sLm+Rm+Rs+Rsw)
which can be written as (eq.21):
4 • V
HV • Rs
G
loop(s) =
•
V
A(Rm+Rs • Rsw)
(1+RC)
(sR
2 • C) [1+sLm/Rm+Rs+Rsw)]
Therefore the poles and zeros of the
system are:
pole at DC, with a 0dB intercept of:
4V
HVRs/[VAR2C(Rm + Rs + Rsw)]
zero at 1/(R • C)
pole at (R
m + Rs + Rsw) /Lm
A simple Bode analysis can be per-
formed to provide the necessary infor-
mation to guarantee the stability of the
loop. A stable system will result when
the gain crossover occurs at a point
where the loop phase shift is less than -
180 degrees. The gain crossover point
is defined as the frequency where the
magnitude of G
loop(s) = 1 (0dB).
The Bode plot will show two figures of
merit that give an indication of the
behavior of the closed loop system,
gain margin and phase margin. Gain
margin is the amount of loop signal at-
tenuation at the point where the loop
phase has reached -180 degrees. It is a
qualitative measure of how susceptible
the loop is to noise outside its band-
width. Phase margin is the amount of
Fig. 10c Gain Adjust Circuit
G
e/a(s) = (1 + sRC)/(sR2C)
(15)
K
pwm = 2 • VHV/VA
(16)
G
m(S) = 1/(sLm + Rm +Rsw +Rs)
(17)
G
i(s) = 2 • Rs
(ignoring sampling effects)
(18)
where:
R, C = external compensation
components
R
2
= internal input resistor,
typically 20 kΩ
V
HV
= motor high voltage power supply
V
A
= oscillator amplitude, typically 7 V
Fig. 11a Loop Compensation Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com