Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXMS150PSI Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXMS150PSI
Description  High Performance Dual PWM Microstepping Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXMS150PSI Datasheet(HTML) 5 Page - IXYS Corporation

  IXMS150PSI Datasheet HTML 1Page - IXYS Corporation IXMS150PSI Datasheet HTML 2Page - IXYS Corporation IXMS150PSI Datasheet HTML 3Page - IXYS Corporation IXMS150PSI Datasheet HTML 4Page - IXYS Corporation IXMS150PSI Datasheet HTML 5Page - IXYS Corporation IXMS150PSI Datasheet HTML 6Page - IXYS Corporation IXMS150PSI Datasheet HTML 7Page - IXYS Corporation IXMS150PSI Datasheet HTML 8Page - IXYS Corporation IXMS150PSI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
I - 39
© 1998 IXYS All rights reserved
Application Information
Introduction
The advantages of step motors are well
known. They may be operated in an
open loop fashion, the accuracy of
which is mostly dependent on the
mechanical accuracy of the motor. They
move in quantized increments (steps)
which lends them easily to digitally
controlled motion systems. In addition,
their drive signals are square wave in
nature and are therefore easily gene-
rated with relatively high efficiency due
to their ON/OFF characteristics.
But step motors are not free of prob-
lems. Their large pulse drive wave-
forms create mechanical forces which
excite and aggravate the mechanical
resonances in the system. These are
load dependent and difficult to control
since step motors have very little
damping of their own. At resonance a
step motor system is likely to lose
synchronization and therefore skip or
gain a step. Being an open loop system,
this would imply loss of position infor-
mation and would be unacceptable. A
common method of solving this problem
is to avoid the band of resonance
frequencies altogether, but this might
put severe limitations on system
performance. Steppers have 200 steps
per revolution or 1.8 degrees per step.
The highest resolution commercially
available steppers have 400 steps per
revolution or 0.9 degrees per step.
Microstepping Mode
One way to circumvent the problems
associated with step motors while still
retaining their open loop advantages is
to use them in the microstepping mode.
In this mode each of the steps is subdi-
vided into smaller steps or “microsteps".
Applying currents to both phases of the
motor creates a torque phaser which is
proportional to the vector sum of both
currents. When the phasor completes
one “turn” (360 electrical degrees), the
motor moves exactly four full steps or
one torque cycle. Similarly, when that
phasor moves 22.5 electrical degrees
the motor will move (22.5/90) • 100 =
25 % of a full step. Thus the position of
the motor is determined by the angle of
the torque phasor. When used with an
appropriate motor a positioning accu-
racy of 2 % of a full step can be achie-
ved, equaling 0.036 degrees for a 200
full steps per revolution motor. In this
manner the motor can be positioned to
any arbitrary angle. A common way to
control the angle of the torque phasor is
by applying to the motor’s phases two
periodic waveforms shifted by 90
electrical degrees.
Let the phase current equations be:
i
A = IO • cos θe
(1)
i
B = IO • sin θe
(2)
Note that θe is the electrical position.
The resulting torque generated by the
corresponding phases would then be:
T
A = K0 • iA = K0 • I0 • cos θe
(3)
T
B = K0 • iB = K0 • I0 • sin θe
(4)
where K
0 is the torque constant of the
motor. Substituting Eqs. (1), (2) into (3),
(4) and doing vector summation the
resulting total generated torque mea-
sured on the motor shaft is given by:
T
g = K0 • I0
(5)
Note that in this case we have zero
torque ripple.
Using this technique one can theore-
tically achieve infinite resolution with
any step motor. Since the drive current
waveforms are sinusoidal instead of
square, the step to step oscillations are
eliminated and the associated velocity
ripple. This greatly improves perfor-
mance at low rotational speeds and
helps avoid resonance problems. In an
actual application, the extent to which
these things are true depends on how
the two sinusoidal reference waveforms
are generated.
Seemingly we have lost the quantized
motion feature of a stepper when used
in this mode. This can be regained by
defining the term microsteps per step.
Each full step is subdivided into micro-
steps by applying to the motor’s phases
those intermediate current levels for
which their vector sum tracks the circle
of Fig. 2 and divides the full step (90
electrical degrees) into the require
number of microsteps. An example of
the required phase currents for full step
and four microstep per step operation
are shown in Fig. 1 and 2 respectively.
Phase Current Matching
Requirements
Assuming microstepping is being used
for resolution improvement and not as a
resonance avoidance technique, a step
motor can be selected knowing the
torque needed, its specified step
IXMS 150
Fig. 1 Full Step Drive Waveforms
accuracy, and the required resolution or
the number of microsteps per step.
Next, one must determine the accuracy
required of the phase currents to main-
tain the accuracy of the complete
system. Equations (1) - (4) clearly
indicate that errors in the absolute
value or phase of the phase currents
will impact positioning accuracy.
Another observation is that by keeping
the ratio of the phase currents i
A/iB
constant, errors in their value will result
Fig. 2 Four Microstep per Step Drive
Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com