Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXMS150PSI Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXMS150PSI
Description  High Performance Dual PWM Microstepping Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXMS150PSI Datasheet(HTML) 3 Page - IXYS Corporation

  IXMS150PSI Datasheet HTML 1Page - IXYS Corporation IXMS150PSI Datasheet HTML 2Page - IXYS Corporation IXMS150PSI Datasheet HTML 3Page - IXYS Corporation IXMS150PSI Datasheet HTML 4Page - IXYS Corporation IXMS150PSI Datasheet HTML 5Page - IXYS Corporation IXMS150PSI Datasheet HTML 6Page - IXYS Corporation IXMS150PSI Datasheet HTML 7Page - IXYS Corporation IXMS150PSI Datasheet HTML 8Page - IXYS Corporation IXMS150PSI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
I - 37
© 1998 IXYS All rights reserved
IXMS 150
Pin Description IXMS 150
Nomenclature of Dual PWM
Microstepping Controller
Sym. Pin Description
AGND 1 Analog Ground
COMP 2 Analog Compensation
4 (see application notes for
5 recommendations).
20
21
23
VIN
3 Analog Input: The analog
22 input range is ± 2 V. A low
output im pedance voltage
source should drive these
pins. The input is greater
than 20 kΩ.
SENSE 6 Analog Sense: Each of the
19 phases sense resistors are
connected to these pins.
Input range is +0.625 V.
FFWD 7 FFWD, for Motor High
Voltage Compensation: A
voltage on this pin sets the
oscillator amplitude. Input
range = 0.9-4 V (see
application notes for
recommendations).
BY-
8 Filter Cap: A capacitor on
PASS
this pin provides filtering to
the internal bias network.
VOUT 9 Output Stage: To drive
10 buffered power MOSFET
15 H-Bridge.
16
VBB
11 Negative Bias Generator
Output: For internal use by
the IXMS 150.
DGND 12 Digital Ground
CPUMP 13 Charge Pump Capacitor:
Used by the internal
Negative Bias Generator.
OUTDIS 14 Digital ENABLE input and
STATUS output: Forcing this
pin low causes pins 9, 10,
15, and 16 to go low, disab-
ling the H-bridge. When uses
as an output, a low state on
this pin indicates an over
current, excess current, or
insufficient +V
DD or VBB error
condition.
R
O, CO
17 Oscillator Frequency and
18 Dead-time set: Independent
adjustment can be made to
the oscillator frequency and
dead-time (see applications
notes).
VDD
24 Positive Supply Voltage
* Pin numbers in parantheses are
associated with channel B.
IXMS 150 PS I (Example)
IX
IXYS
MS 150
Dual PWM Controller
Package Type
PS
Plastic Skinny DIP
Temperature Range
I Industrial



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com