Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXMS150PSI Datasheet(PDF) 8 Page - IXYS Corporation

Part # IXMS150PSI
Description  High Performance Dual PWM Microstepping Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXMS150PSI Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IXMS150PSI Datasheet HTML 2Page - IXYS Corporation IXMS150PSI Datasheet HTML 3Page - IXYS Corporation IXMS150PSI Datasheet HTML 4Page - IXYS Corporation IXMS150PSI Datasheet HTML 5Page - IXYS Corporation IXMS150PSI Datasheet HTML 6Page - IXYS Corporation IXMS150PSI Datasheet HTML 7Page - IXYS Corporation IXMS150PSI Datasheet HTML 8Page - IXYS Corporation IXMS150PSI Datasheet HTML 9Page - IXYS Corporation IXMS150PSI Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
I - 42
© 1998 IXYS All rights reserved
IXMS 150
mode, either SW1 and SW4 are on (V
m
= V
HV) or SW2 + SW3 are on (Vm = -
V
HV). By appropriately controlling the
duty cycle of SW1//4 vs. SW2/3, the
averagemotor voltage can be controlled
such that:
V
m(avg) = 2 • VHV (0.5-DUTY)
Note: DUTY is defined as the duty
cycle of V
OUTA.
The IXMS150 can now regulate the
motor coil current by commanding the
voltage level and polarity required.
enhance the MOSFETs,with the top two
transistors (Q2, Q4) being destroyed
due to excessive power dissipation.
Therefore one has to limit the duty
cycle excursions. The solution selected
by IXYS limits the minimum output
pulse-width to 0.5 ms, which translates
to a duty cycle range of 5 % to 95 %
when operating at 100 kHz, or wider at
lower frequencies. There is a penalty of
slightly limiting the maximum slew rate
to (1-2 • Min Duty) of the unrestricted
case, which translates to 90 % of the
ration with a particular motor. The basic
elements involved in the current loop
are illustrated in Fig. 11a. Referring to
Fig. 11b, the loop gain for this system
(the product of the forward and feed-
back gain terms) can be expressed as:
G
loop(s) = Ge/a(s) • Kpwm • Gm(s) • Gi(s) (14)
where
G
e/a(s) = error amplifier gain
K
pwm = cascade of pwm and output H-
bridge gain
Fig. 8 Simplified H-Bridge Diagram
SW1
SW3
SW2
SW4
D1 D2
Vm
D3 D4
The Power Stage:
An AC Coupled H-Bridge
Fig. 9 shows the power driver selected
for this application. Two of these are
required to drive the two phase step
motor. This circuit uses two N-channel
and two P-channel power MOSFETs as
opposed to an all N-channel architec-
ture. The drawback of using P-channel
transistors is that they are larger and
therefore more expensive than similarly
rated N-channel devices. But the
advantages are much simplified drive
and level shifting circuitry. This results
in a lower component count and
therefore higher reliability. It also lends
itself easily to hybridization. Other
advantages of this topology are: a) the
high efficiency associated with level
shifting by AC coupling since no power
is dissipated in the capacitors, and b)
the same circuit can be used for motor
applications ranging from 12 V to several
hundred volts, the only modification
being appropriately rated power tran-
sistors and coupling capacitors.
A limitation of this circuit is that it cannot
be used at duty cycle extremes. This
would require one input to be continu-
ously low while the other is continu-
ously high. Eventually the coupling
capacitors (C1, C2) would charge up to
a voltage that would no longer fully
Fig. 9 AC Coupled H-Bridge Diagram
Fig. 10a Simplified Microstepping System
unrestricted maximum slew rate for
100 kHz operation.
Loop Compensation Information
When used with the appropriate power
stage, each channel of the IXMS150
acts as a closed loop transconductance
amplifier. As such, it must be properly
compensated to guarantee stable ope-
G
m(s) = cascade of motor winding
impedance and H-bridge parasitic
resistance
G
i(s) = current sense resistor and
sampling amplifier gain
The value of each of these terms can
be determined from the Laplace
transform diagram in Fig. 11b:



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com