Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXMS150PSI Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXMS150PSI
Description  High Performance Dual PWM Microstepping Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXMS150PSI Datasheet(HTML) 1 Page - IXYS Corporation

  IXMS150PSI Datasheet HTML 1Page - IXYS Corporation IXMS150PSI Datasheet HTML 2Page - IXYS Corporation IXMS150PSI Datasheet HTML 3Page - IXYS Corporation IXMS150PSI Datasheet HTML 4Page - IXYS Corporation IXMS150PSI Datasheet HTML 5Page - IXYS Corporation IXMS150PSI Datasheet HTML 6Page - IXYS Corporation IXMS150PSI Datasheet HTML 7Page - IXYS Corporation IXMS150PSI Datasheet HTML 8Page - IXYS Corporation IXMS150PSI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
I - 35
© 1998 IXYS All rights reserved
High Performance Dual PWM Microstepping Controller
Type
Package
Temperature Range
IXMS150 PSI
24-Pin Skinny DIP
-40°C to +85°C
The IXMS150 is a high performance
monolithic 2-channel PWM controller.
Implemented in CMOS, the low power
IXMS150 precisely controls the current
in each of two separate power H-bridge
drivers using unique sampling and
signal processing techniques. Each
channel contains an error amplifier,
PWM, feedback amplifier, and protec-
tion circuitry. Protection features include
over/excess current shutdown, min/max
duty cycle clamp, under voltage lock-
out, dead time insertion, and a shutdown
input for over-temp or other external
fault circuitry. Other features include a
common oscillator, feedforward circuit
for motor supply compensation, and an
onchip negative bias generator.
The IXMS150 has been optimized for
microstep control of two phase step
motors. Due to its high level of accu-
racy, the IXMS150 will allow a designer
to implement a control system with a
resolution in excess of 250 microsteps
per step, or 50,000 steps per revolution
with a 200 step per revolution step
motor. The IXMS150 greatly improves
positioning accuracy and virtually
eliminates low speed velocity ripple and
resonanceeffectsat afractionof the cost
of a board level microstepping system.
Other applications which the IXMS150
is designed for include control of two
single-phase (DC) motors or control of
synchronous reluctance motors. The
IXMS150 is ideal for robotics, printers,
plotters, and x-y tables and can facilita-
te the construction of very sophisticated
positioning control systems while signi-
ficantly reducing component cost, board
space, design time and systems cost.
Features
l
Two complete, synchronous PWMs
l
Command input range ±2.0 V full
scale
l
±0.625 V full scale current feedback
signal
l
1% gain matching between channels
without external trim
l
1.6% gain linearity
l
Feedforward to compensate for
motor supply variations
l
Only one sense resistor per H-bridge
needed
l
Onboard two level current limiting
l
Undervoltage lockout assures proper
behavior on power up and power
down
l
Enable input for external over
temperature or fault circuit input
l
Duty cycles limited for AC coupled
gate drive
l
Wide range of built in dead time.
l
On board negative power supply
generator
l
Single +12 V supply operation
l
24-pin DIP package
Applications
l
Full, half quarter, or microstepping
2-phase step motor position
controller
l
Dual DC servo motor torque
controller
l
Solenoid actuator force controller
l
General 2-channel current-
commanded PWM control
Block diagram of IXMS 150
Symbol
Definition
Max. Ratings
V
DD
Supply voltage
-0.3...15
V
Operating range
10.8...13.2
V
Common-mode-range
-15...15
V
Differential Input voltage ¬
±30
V
V
IN
Input voltage ¬
-15...15
V
V
O
Output voltage
-0.3...V
DD+0.3
V
P
D
Maximum power dissipation
500 mW
T
A
Ambient temperature range
-40...85
°C
T
stg
Storage temperature range
-55...125
°C
¬ Input voltage may not exceed either supply rail by more than 0.3 V at any time.
IXYS reserves the right to change limits, test conditions and dimensions.


Similar Description - IXMS150PSI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IM2000S ETC-IM2000S Datasheet
142Kb / 16P
HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
logo
Semtech Corporation
SC4808A SEMTECH-SC4808A Datasheet
468Kb / 31P
High Performance Dual Ended PWM Controller
SC4808C SEMTECH-SC4808C Datasheet
381Kb / 24P
High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2 Datasheet
439Kb / 28P
High Performance Dual Ended PWM Controller
SC4808B-1 SEMTECH-SC4808B-1 Datasheet
439Kb / 28P
High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2_09 Datasheet
802Kb / 28P
High Performance Dual Ended PWM Controller
SC4808A SEMTECH-SC4808A_16 Datasheet
473Kb / 31P
High Performance Dual Ended PWM Controller
logo
E-CMOS Corporation
EC3228 E-CMOS-EC3228 Datasheet
846Kb / 16P
High-Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1728 TECHCODE-TD1728 Datasheet
530Kb / 17P
High-Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1468 HMSEMI-HM1468 Datasheet
2Mb / 16P
High-Performance PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com