Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1468 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1468 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM1468
Download  HM1468 Download
File Size   2190.66 Kbytes
Page   16 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description High-Performance PWM Controller

HM1468 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM1468 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1468
Download  HM1468 Click to download

File Size   2190.66 Kbytes
Page   16 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description High-Performance PWM Controller

HM1468 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM1468 Product details

Description
The HM1468 is a single phase, constant on time, synchronous PWM controller, which drives N‐channel MOSFETs. The HM1468 steps down high voltage to generate low‐voltage chipset or RAM supplies in notebook computers.
The HM1468 provides excellent transient response and accurate DC voltage output in either PFM or PWM Mode. In Pulse Frequency Mode (PFM), the HM1468 provides very high efficiency over light to heavy loads with loading‐ modulated switching frequencies. In PWM Mode, the converter works nearly at constant frequency for low‐noise requirements. The HM1468 is equipped with accurate positive current-limit, output under‐voltage, and output over‐voltage protections, perfect for NB applications. The Power‐On‐ Reset function monitors the voltage on VCC to prevent wrong operation during power‐on. The HM1468 has a 1 ms digital soft‐start and built‐in an integrated output discharge method for soft‐stop. An internal integrated soft‐start ramps up the output voltage with programmable slew rate to reduce the start‐up current. A soft‐stop function actively discharges the output capacitors with controlled reverse inductor current.
The HM1468 is available in 10 pin TDFN 3x3 package.

Features
● Adjustable Output Voltage from +0.7V to +5.5V
● 0.7V Reference Voltage
● ±1% Accuracy Over‐Temperature
● Operates from an Input Battery Voltage Range of +1.8V to +32V
● Power‐On‐Reset Monitoring on VCC Pin
● Excellent Line and Load Transient Responses
● PFM Mode for Increased Light Load Efficiency
● Selectable PWM Frequency from 4 Preset Values
● Integrated MOSFET Drivers
● Integrated Bootstrap Forward P‐CH MOSFET
● Adjustable Integrated Soft‐Start and Soft‐Stop
● Selectable Forced PWM or Automatic PFM/PWM Mode
● Power Good Monitoring
● 70% Under‐Voltage Protection
● 125% Over‐Voltage Protection
● Adjustable Current‐Limit Protection
● Using Sense Low‐Side MOSFET’s RDS(ON)
● Over‐Temperature Protection
● Auto Rework from Protection Mode
● TDFN‐10 3x3 Package
● Lead Free and Green Devices Available (RoHS Compliant)

Applications
● Notebook
● Table PC
● Hand‐Held Portable
● AIO PC
● LCD Monitor / TV
● Battery Charger
● ADSL Modem
● Telecom / Networking Equipment




Similar Part No. - HM1468

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1460 HMSEMI-HM1460 Datasheet
1Mb / 19P
Single Buck Voltage Mode PWM Controller
HM1460DR HMSEMI-HM1460DR Datasheet
1Mb / 19P
Single Buck Voltage Mode PWM Controller
HM1460ER HMSEMI-HM1460ER Datasheet
1Mb / 19P
Single Buck Voltage Mode PWM Controller
HM1461 HMSEMI-HM1461 Datasheet
574Kb / 9P
40Vin 2 Outputs Buck Controller
HM1462 HMSEMI-HM1462 Datasheet
614Kb / 8P
40Vin 2 Outputs COT Buck Controller
More results


Similar Description - HM1468

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BIT3193 ETC-BIT3193 Datasheet
276Kb / 10P
High Performance PWM Controller
logo
E-CMOS Corporation
EC3228 E-CMOS-EC3228 Datasheet
846Kb / 16P
High-Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1728 TECHCODE-TD1728 Datasheet
530Kb / 17P
High-Performance PWM Controller
TD1729 TECHCODE-TD1729 Datasheet
804Kb / 17P
High-Performance PWM Controller
TD1730 TECHCODE-TD1730 Datasheet
677Kb / 17P
High-Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1469 HMSEMI-HM1469 Datasheet
1Mb / 16P
High-Performance PWM Controller
logo
Beyond Innovation Techn...
BIT3267 BITEK-BIT3267 Datasheet
196Kb / 8P
High Performance PWM Controller
BIT3267S BITEK-BIT3267S Datasheet
515Kb / 9P
High Performance PWM Controller
Version: A05
BIT3713 BITEK-BIT3713 Datasheet
493Kb / 11P
High Performance PWM Controller
05/12/15
BIT3715 BITEK-BIT3715 Datasheet
380Kb / 3P
High Performance PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com