Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1460 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1460 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM1460
Download  HM1460 Download
File Size   1227.59 Kbytes
Page   19 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description Single Buck Voltage Mode PWM Controller

HM1460 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM1460 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1460
Download  HM1460 Click to download

File Size   1227.59 Kbytes
Page   19 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description Single Buck Voltage Mode PWM Controller

HM1460 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM1460 Product details

General Description
The HM1460 is a voltage mode, fixed 300kHz switching frequency, synchronous buck converter. The HM1640 allows wide input voltage that is either a single 5~12V or two supply voltage(s) for various applications. A power-on-reset (POR) circuit monitors the VCC supply voltage to prevent wrong logic controls. A builtin soft-start circuit prevents the output voltages from overshoot as well as limits the input current. An internal 0.8V temperature-compensated reference voltage with high accuracy is designed to meet the requirement of low output voltage applications. The HM1640 provides excellent output voltage regulations against load current variation.
The controller’s over-current protection monitors the output current by using the voltage drop across the RDS(ON) of low-side MOSFET, eliminating the need for a current sensing resistor that features high efficiency and low cost. In addition,
the HM1460 also integrates excellent protection functions: The over-voltage protection (OVP) , under- voltage protection (UVP). OVP circuit which monitors the FB voltage to prevent the PWM output from overvoltage,and UVP circuit which monitors the FB voltage to prevent the PWM output from under-voltage or short-circuit.The HM1640 is available in SOP-8P and TDFN3x3-10 packages.

Features
● Wide 5V to 12V Supply Voltage
● Power-On-Reset Monitoring on VCC
● Excellent Output Voltage Regulations 0.8V Internal Reference ±1% Over-Temperature Range
● Integrated Soft-Start
● Voltage Mode PWM Operation with External Compensation
● Up to 90% Duty Ratio for Fast Transient Response
● Constant Switching Frequency 300kHz ±10%
● Drive Dual Low Cost N-MOSFETs with Adaptive Dead-Time Control
● 50% Under-Voltage Protection
● 125% Over-Voltage Protection
● Adjustable Over-Current Protection Threshold Using the RDS(ON) of Low-Side MOSFET
● Shutdown Control by COMP
● Power Good Monitoring (TDFN-10 3mmx3mm Package Only)
● SOP-8P and TDFN3x3-10 Packages
● Lead Free and Green Devices Available (RoHS Compliant)

Applications
● Graphic Cards
● DSL, Switch HUB
● Wireless Lan
● Notebook Computer
● Mother Board
● LCD Monitor/TV




Similar Part No. - HM1460

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1461 HMSEMI-HM1461 Datasheet
574Kb / 9P
40Vin 2 Outputs Buck Controller
HM1462 HMSEMI-HM1462 Datasheet
614Kb / 8P
40Vin 2 Outputs COT Buck Controller
HM1465 HMSEMI-HM1465 Datasheet
681Kb / 11P
40Vin 4 Outputs Buck Controller
HM1468 HMSEMI-HM1468 Datasheet
2Mb / 16P
High-Performance PWM Controller
HM1468DR HMSEMI-HM1468DR Datasheet
2Mb / 16P
High-Performance PWM Controller
More results


Similar Description - HM1460

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP1505 ETC-AP1505 Datasheet
222Kb / 7P
SINGLE END VOLTAGE MODE PWM CONTROLLER
logo
Global Mixed-mode Techn...
G5207 GMT-G5207 Datasheet
354Kb / 1P
24V Input Voltage-Mode Buck PWM Controller
logo
Anpec Electronics Corop...
APW8720B ANPEC-APW8720B Datasheet
639Kb / 22P
Single Buck Voltage Mode PWM Controller
APW8722 ANPEC-APW8722 Datasheet
664Kb / 23P
5V to 12V Single Buck Voltage Mode PWM Controller
APW8723 ANPEC-APW8723 Datasheet
721Kb / 23P
5V to 12V Single Buck Voltage Mode PWM Controller
APW8726 ANPEC-APW8726 Datasheet
617Kb / 22P
5V to 12V Single Buck Voltage Mode PWM Controller
logo
Global Mixed-mode Techn...
G5201 GMT-G5201 Datasheet
88Kb / 1P
5V/12V Input Voltage-Mode Buck PWM Controller
G5217 GMT-G5217 Datasheet
76Kb / 1P
24V Input Voltage-Mode Buck PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1720 TECHCODE-TD1720 Datasheet
1Mb / 20P
Single Buck Voltage Mode PWM Controller
TD1722 TECHCODE-TD1722 Datasheet
887Kb / 19P
Single Buck Voltage Mode PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com