Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1465 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1465 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM1465
Download  HM1465 Download
File Size   681.22 Kbytes
Page   11 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 40Vin 4 Outputs Buck Controller

HM1465 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM1465 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1465
Download  HM1465 Click to download

File Size   681.22 Kbytes
Page   11 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 40Vin 4 Outputs Buck Controller

HM1465 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM1465 Product details

Description
HM1465 is a DC/DC Buck Synchronous with four current limit pins suitable for many multi‐output applications. It is designed to allow for operating a wide supply voltage range from 9V to 40V. It has both high‐side and low‐side drivers allowing synchronous configuration using two external power‐NMOS. This IC can operate in both Constant Current (CC) and Constant Voltage (CV) modes.
HM1465 operates as a DC‐DC Buck Controller providing a wide range of outputs at Constant Current (CV) from 1.2V to 28V and the output current as high as 10A or above. It has a Constant Current(CC) mode so that output current can be set externally and at a accuracy of +/‐7%. The current mode control and external compensation makes feedback control have good line and load regulation with flexible external design.
There are four independent current limit control pins for four separate loads. Each of the current limit can be set by a resistor(RCS) at 108mV across it. Of course, output peak current limit is working during normal operation

Features
● Vin: 8.5V to 40V
● Vout: 1.2V to 28V; typical at 5V
● CC/CV Mode Control
● PFM Mode for Increased Light Load Efficiency
● 4 outputs current precision OCP: Adjustable Current‐Limit Protection
● Burst mode when OCP/SCP occur
● Protection
    NMOS peak current limit: accuracy: ~30%
    Output short protection: reduce input current to
    less than 20mA(RMS)
    Temperature shut down(OTP)
● Adjustable Output Cable Resistance Compensation
● Duty: 0~95%
● Switching Frequency: 100kHz to 300KHz
● Integrated MOSFET Drivers
● QFN20 Package

Applications
● Car Charger
● High‐Brightness Lighting
● General‐Purpose DC/DC Controller




Similar Part No. - HM1465

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1460 HMSEMI-HM1460 Datasheet
1Mb / 19P
Single Buck Voltage Mode PWM Controller
HM1460DR HMSEMI-HM1460DR Datasheet
1Mb / 19P
Single Buck Voltage Mode PWM Controller
HM1460ER HMSEMI-HM1460ER Datasheet
1Mb / 19P
Single Buck Voltage Mode PWM Controller
HM1461 HMSEMI-HM1461 Datasheet
574Kb / 9P
40Vin 2 Outputs Buck Controller
HM1462 HMSEMI-HM1462 Datasheet
614Kb / 8P
40Vin 2 Outputs COT Buck Controller
More results


Similar Description - HM1465

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5150 CHERRY-CS5150 Datasheet
236Kb / 14P
CPU 4-Bit Synchronous Buck Controller
Rev. 1/4/99
CS5150H CHERRY-CS5150H Datasheet
322Kb / 14P
CPU 4-Bit Synchronous Buck Controller
Rev. 1/21/99
CS5151 CHERRY-CS5151 Datasheet
307Kb / 14P
CPU 4-Bit Nonsynchronous Buck Controller
Rev. 1/5/99
logo
ON Semiconductor
CS5150 ONSEMI-CS5150 Datasheet
631Kb / 18P
CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5151 ONSEMI-CS5151 Datasheet
572Kb / 17P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
logo
Linear Technology
LT3755 LINER-LT3755 Datasheet
266Kb / 24P
40VIN, 75VOUT LED Controller
logo
Shenzhen Huazhimei Semi...
HM1461 HMSEMI-HM1461 Datasheet
574Kb / 9P
40Vin 2 Outputs Buck Controller
HM1462 HMSEMI-HM1462 Datasheet
614Kb / 8P
40Vin 2 Outputs COT Buck Controller
logo
Analog Devices
LT8350 AD-LT8350 Datasheet
1Mb / 24P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
EVAL-LT8350-AZ AD-EVAL-LT8350-AZ Datasheet
1Mb / 10P
40VIN, 18VOUT, 6A Synchronous Buck‑Boost Silent Switcher®
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com