Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350 Datasheet (PDF) - Analog Devices

LT8350 Datasheet PDF - Analog Devices
Part # LT8350
Download  LT8350 Download
File Size   1598.98 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher

LT8350 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8350 Datasheet PDF - Analog Devices

Part # LT8350
Download  LT8350 Click to download

File Size   1598.98 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher

LT8350 Datasheet (HTML) - Analog Devices


LT8350 Product details

DESCRIPTION
The LT®8350 is a monolithic 4-switch synchronous buckboost
converter with Silent Switcher architecture to minimize
EMI emissions while delivering high efficiency at
high switching frequency. The switcher can regulate the
output voltage, input or output current from input voltages
above, below, or equal to the output voltage. The
proprietary peak current mode control scheme allows
adjustable and synchronizable 200kHz to 2MHz fixed frequency
operation, or spread spectrum frequency modulation
(SSFM) operation. With 3V to 40V input voltage
range, 1V to 18V output voltage capability, and seamless
low noise transitions between operation regions, the
LT8350 is ideal for voltage regulator, battery and supercapacitor
charger applications in automotive, industrial,
telecom, and battery powered systems.
The LT8350 provides input or output current monitor and
power good flag. Robust fault protection is provided to
detect output short-circuit condition, during which the
LT8350 retries, latches off, or keeps running.

FEATURES
- 4-Switch Single Inductor Architecture Allows VIN
Above, Below or Equal to VOUT
- Silent Switcher® Architecture for Low EMI
- Up to 95% Efficiency at 2MHz
- Proprietary Peak Current Mode
- 3V to 40V Input Voltage Range
- 1V to 18V Output Voltage Range
- ±1.5% Output Voltage Regulation
- Output/Input Current Regulation and Monitor
- Constant-Voltage/Constant-Current Regulation
- High Side PMOS Load Switch Driver
- No Top MOSFET Refresh Noise in Buck or Boost
- 200kHz to 2MHz Fixed Switching Frequency with
External Frequency Synchronization and SSFM
- VOUT Disconnected from VIN During Shutdown
- Small 4mm × 6mm 32-Pin LQFN Package
- AEC-Q100 Qualification in Progress

APPLICATIONS
- Automotive, Industrial, Telecom Systems
- Voltage Regulator with Accurate Current Limit
- High Frequency Battery-Powered System
- USB-PD Source




Similar Part No. - LT8350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8350 AD-LT8350 Datasheet
1Mb / 10P
40VIN, 18VOUT, 6A Synchronous Buck‑Boost Silent Switcher®
Rev. 0
LT8350 AD-LT8350 Datasheet
1Mb / 36P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
Rev. A
LT8350S AD-LT8350S Datasheet
1Mb / 36P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
Rev. A
LT8350SAV#PBF AD-LT8350SAV#PBF Datasheet
1Mb / 35P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
Rev. C
LT8350SAV#WPBF AD-LT8350SAV#WPBF Datasheet
1Mb / 35P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
Rev. C
More results


Similar Description - LT8350

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592 Datasheet
558Kb / 20P
6A Output Synchronous Buck PWM Switcher
April, 2014 ??Rev. 2
logo
Linear Technology
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LT8642-1 AD-LT8642-1 Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
EVAL-LT8350-AZ AD-EVAL-LT8350-AZ Datasheet
1Mb / 10P
40VIN, 18VOUT, 6A Synchronous Buck‑Boost Silent Switcher®
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com