Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350 Datasheet (PDF) - Analog Devices

LT8350 Datasheet PDF - Analog Devices
Part # LT8350
Download  LT8350 Download
File Size   1572.25 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40VIN, 18VOUT, 6A Synchronous Buck‑Boost Silent Switcher®

LT8350 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8350 Datasheet PDF - Analog Devices

Part # LT8350
Download  LT8350 Click to download

File Size   1572.25 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40VIN, 18VOUT, 6A Synchronous Buck‑Boost Silent Switcher®

LT8350 Datasheet (HTML) - Analog Devices


LT8350 Product details

DESCRIPTION
Evaluation circuit EVAL-LT8350-AZ is a 40V synchronous
buck-boost converter featuring the LT®8350. It drives
up to 2.5A load at 12V output when VIN is between 9V
and 40V and will run down to 3VIN with reduced output
current. EVAL-LT8350-AZ runs at 350kHz switching
frequency with spread spectrum frequency modulation
(SSFM) disabled. When enabled, SSFM spreads the
switching frequency of the LT8350 from fSW to fSW +
25% for reduced EMI emission.
The LT8350 has an operating input voltage range of
3V to 40V. It has internal, synchronous 42V MOSFETs
at buck-side and 20V MOSFETs at boost-side for high
efficiency and small size. It has an adjustable switching
frequency between 200kHz and 2MHz. The LT8350 can
be synchronized to an external source, programmed with
SSFM enabled for low EMI, or set to normal operation.
The LT8350’s integrated LOADTG high side PMOS driver
assists with disconnecting load when a fault is triggered.
LOADTG turns off the PMOS when FB < 0.25V or FB >
1.1V or ISP–ISN > 0.75V. LOADEN can be used directly
to turn off LOADTG and all power switches.
The LT8350 can regulate output current using ISP and
ISN. Maximum load current can be limited when LT8350
is used for a constant voltage regulator. It can be also used
for a LED driver or a battery charger where constant current
regulation is required. Output current can be adjusted
by placing a controllable DC voltage on the CTRL pin.
The output current can be monitored through the ISMON
output pin. ISMON can be used to improve load transient
response by injecting load current to VC. The load current
injection is described in the following sections.
Undervoltage lockout can be adjusted on EVAL-LT8350-AZ
with a few simple resistor choices.
Small ceramic input and output capacitors are used to
save space and cost. The board is designed with tiny, high
frequency capacitors placed near the VIN and VOUT pins
for a reduction in radiated EMI.
There is an inductor EMI filter and a small ferrite bead EMI
filter on the input and output of EVAL-LT8350-AZ. These
filters, combined with proper board layout and SSFM,
are effective in reducing EMI to pass CISPR25 class 5
conducted EMI. Please follow the recommended layout
and four-layer PCB thickness of EVAL-LT8350-AZ for low
EMI applications.
The LT8350 data sheet gives a complete description of
the part, operation, and applications information. The data
sheet must be read in conjunction with this demo manual
for EVAL-LT8350-AZ. The LT8350RV is assembled in a
32-lead laminate package with QFN footprint (LQFN) with
thermally enhanced exposed ground pads. Proper board
layout is essential for maximum thermal performance.




Similar Part No. - LT8350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8350 AD-LT8350 Datasheet
1Mb / 24P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
LT8350 AD-LT8350 Datasheet
1Mb / 36P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
Rev. A
LT8350RVPBF AD-LT8350RVPBF Datasheet
1Mb / 24P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
LT8350S AD-LT8350S Datasheet
1Mb / 36P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
Rev. A
LT8350SAV#PBF AD-LT8350SAV#PBF Datasheet
1Mb / 35P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
Rev. C
More results


Similar Description - LT8350

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592 Datasheet
558Kb / 20P
6A Output Synchronous Buck PWM Switcher
April, 2014 ??Rev. 2
logo
Linear Technology
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LT8350 AD-LT8350 Datasheet
1Mb / 24P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
logo
Richtek Technology Corp...
RT6220 RICHTEK-RT6220 Datasheet
259Kb / 20P
6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com