Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1461 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1461 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM1461
Download  HM1461 Download
File Size   574.61 Kbytes
Page   9 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 40Vin 2 Outputs Buck Controller

HM1461 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM1461 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1461
Download  HM1461 Click to download

File Size   574.61 Kbytes
Page   9 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 40Vin 2 Outputs Buck Controller

HM1461 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM1461 Product details

General Description
HM1461 is a Synchronous Buck Controller with two current sense pins suitable for many multi‐output applications. It is designed to allow for operating a wide supply voltage range from 6V to 40V. It has both high‐side and low‐side drivers allowing synchronous configuration using two external power‐NMOS。 This IC can operate in both Constant Current (CC) and Constant Voltage (CV) modes.
HM1461 operates as a Buck Controller providing a wide range of outputs at Constant Voltage (CV) from 6V to 40V and the output current as high as 10A or above. It has a Constant Current (CC) mode so that output current can be set externally and at an accuracy of ±4%. The current mode control and external compensation makes feedback control have good line and load regulation with flexible external design.

Features
● Vin: 6V to 40V, UVLO=5.5V+0.5V
● Vout: 3V to 28V; typical at 5V
● Precision CC/CV Mode Control
● Burst/PFM Mode for Increased Light Load Efficiency
● 2 outputs independent Constant Current setting
● Hiccup mode when output voltage below 50% normal output voltage
● Protection:
     NMOS peak current limit: accuracy: ~20%
     Output short protection: reduce input current to less than 20mA (RMS)
     Output FB OVP (125% VFB), only turn off High side MOS.
     Temperature shutdown (OTP)
● Adjustable Output Cable Resistance Compensation
● Duty: 0~98% (Toff_min=100ns, Dead‐time=25~35ns)
● Switching Frequency: 125k+25k
● Integrated MOSFET Drivers
● QFN12L Package

Applications
● Car Charger
● High‐Brightness Lighting
● General‐Purpose DC/DC Controller




Similar Part No. - HM1461

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1460 HMSEMI-HM1460 Datasheet
1Mb / 19P
Single Buck Voltage Mode PWM Controller
HM1460DR HMSEMI-HM1460DR Datasheet
1Mb / 19P
Single Buck Voltage Mode PWM Controller
HM1460ER HMSEMI-HM1460ER Datasheet
1Mb / 19P
Single Buck Voltage Mode PWM Controller
HM1462 HMSEMI-HM1462 Datasheet
614Kb / 8P
40Vin 2 Outputs COT Buck Controller
HM1465 HMSEMI-HM1465 Datasheet
681Kb / 11P
40Vin 4 Outputs Buck Controller
More results


Similar Description - HM1461

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3755 LINER-LT3755 Datasheet
266Kb / 24P
40VIN, 75VOUT LED Controller
logo
ON Semiconductor
NCP81172 ONSEMI-NCP81172 Datasheet
577Kb / 14P
2-Phase Synchronous Buck Controller
April, 2013 ??Rev. 1
NCP81174 ONSEMI-NCP81174 Datasheet
154Kb / 18P
4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
ADP3430 ONSEMI-ADP3430 Datasheet
373Kb / 26P
2??to 3?뭁hase Synchronous Buck Controller
July, 2009 ??Rev. 2
NCP81174 ONSEMI-NCP81174_16 Datasheet
148Kb / 18P
4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
logo
uPI Group Inc.
UP1666Q UPI-UP1666Q Datasheet
417Kb / 18P
2-Phase Synchronous-Rectified Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1462 HMSEMI-HM1462 Datasheet
614Kb / 8P
40Vin 2 Outputs COT Buck Controller
HM1465 HMSEMI-HM1465 Datasheet
681Kb / 11P
40Vin 4 Outputs Buck Controller
logo
Analog Devices
LT8350 AD-LT8350 Datasheet
1Mb / 24P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
EVAL-LT8350-AZ AD-EVAL-LT8350-AZ Datasheet
1Mb / 10P
40VIN, 18VOUT, 6A Synchronous Buck‑Boost Silent Switcher®
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com