Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1462 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1462 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM1462
Download  HM1462 Download
File Size   614.17 Kbytes
Page   8 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 40Vin 2 Outputs COT Buck Controller

HM1462 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM1462 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1462
Download  HM1462 Click to download

File Size   614.17 Kbytes
Page   8 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 40Vin 2 Outputs COT Buck Controller

HM1462 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM1462 Product details

Description
HM1462 is a DC/DC Buck Controller with 2 current sense pins suitable for many multi‐output applications. It is designed to allow for operating a wide supply voltage range from 7.5V to 40V. It has both high‐side and low‐side drivers allowing synchronous configuration using two external power‐NMOS. This IC can operate in both Constant Current (CC) and Constant Voltage (CV) modes.
HM1462 operates as a DC/DC Buck Controller providing a wide range of outputs at Constant Voltage (CV) from 1.23V to 28V and the output current as high as 10A or above. It has a Constant Current(CC) mode so that output current can be set externally and at a accuracy of +/‐7%. The current mode control makes feedback control have good line and load regulation with flexible external design. There are 2 independent current limit control pins in addition to the CC setting for added flexibility of driving 2 separate loads. Each of the current limits can be set by a sense resistor at 100mV across it. Of course, output peak current limit is working during normal operation..

Features
● Vin: 7.5V to 40V
● Vout: 3V to 28V; typical at 5V
● CC/CV Mode Control
● Burst/PFM Mode for Increased Light Load Efficiency
● Hiccup mode 1‐2S when SCP/OVP occur
● Protection
    NMOS peak current limit: accuracy: ~20%
    Output short protection: reduce input current to
    less than 20mA(RMS)
    OVP(output Over‐Voltage Protection)
    Output FB short protection
    Temperature shut down(OTP).
● Adjustable Output Cable Resistance Compensation
● Duty: 0~98%(Toff_min=100ns, Deadtime=25~35ns)
● Switching Frequency: 150KHz(+/‐25k)
● Integrated MOSFET Driver.
● OVP: When Vfb>120%*VREF, open discharge switch ( Vout1/2). Discharge current> 50mA
● QFN‐16 Package

Applications
● Car Charger
● High‐Brightness Lighting
● General‐Purpose DC/DC Controller




Similar Part No. - HM1462

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1460 HMSEMI-HM1460 Datasheet
1Mb / 19P
Single Buck Voltage Mode PWM Controller
HM1460DR HMSEMI-HM1460DR Datasheet
1Mb / 19P
Single Buck Voltage Mode PWM Controller
HM1460ER HMSEMI-HM1460ER Datasheet
1Mb / 19P
Single Buck Voltage Mode PWM Controller
HM1461 HMSEMI-HM1461 Datasheet
574Kb / 9P
40Vin 2 Outputs Buck Controller
HM1465 HMSEMI-HM1465 Datasheet
681Kb / 11P
40Vin 4 Outputs Buck Controller
More results


Similar Description - HM1462

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3755 LINER-LT3755 Datasheet
266Kb / 24P
40VIN, 75VOUT LED Controller
logo
ON Semiconductor
NCP81172 ONSEMI-NCP81172 Datasheet
577Kb / 14P
2-Phase Synchronous Buck Controller
April, 2013 ??Rev. 1
logo
Exar Corporation
XRP6141 EXAR-XRP6141 Datasheet
1Mb / 14P
35A Synchronous Step Down COT Controller
XRP6141 EXAR-XRP6141_17 Datasheet
1Mb / 14P
35A Synchronous Step Down COT Controller
logo
Shenzhen Huazhimei Semi...
HM1461 HMSEMI-HM1461 Datasheet
574Kb / 9P
40Vin 2 Outputs Buck Controller
HM1465 HMSEMI-HM1465 Datasheet
681Kb / 11P
40Vin 4 Outputs Buck Controller
logo
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
MIC21LV33 MICROCHIP-MIC21LV33 Datasheet
3Mb / 54P
36V Dual Phase, Advanced COT Buck Controller with HyperLight Load짰 and Phase Shedding
02/28/20
logo
Analog Devices
LT8350 AD-LT8350 Datasheet
1Mb / 24P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
logo
ON Semiconductor
FAN53730 ONSEMI-FAN53730 Datasheet
1Mb / 31P
Buck Regulator 3A, Constant On Time (COT)
June, 2023 - Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com