Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5151 Datasheet (PDF) - Cherry Semiconductor Corporation

CS5151 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS5151
Download  CS5151 Download
File Size   307.55 Kbytes
Page   14 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description CPU 4-Bit Nonsynchronous Buck Controller

CS5151 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5151 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS5151
Download  CS5151 Click to download

File Size   307.55 Kbytes
Page   14 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description CPU 4-Bit Nonsynchronous Buck Controller

CS5151 Datasheet (HTML) - Cherry Semiconductor Corporation


CS5151 Product details

Description
The CS5151 is a 4-bit nonsynchronous N-Channel buck controller. It is designed to provide unprecedented transient response for today’s demanding high-density, high-speed logic. The regulator operates using a proprietary control method, which allows a 100ns response time to load transients. The CS5151 is designed to operate over a 4.25-16V range (VCC) using 12V to power the IC and 5V as the main supply for conversion.

Features
■ N-Channel Design
■ Excess of 1MHz Operation
■ 100ns Transient Response
■ 4-Bit DAC
■ Upward Compatible with 5-Bit CS5155/5156 and Adjustable CS5120/5121
■ 30ns Gate Rise/Fall Times
■ 1% DAC Accuracy
■ 5V & 12V Operation
■ Remote Sense
■ Programmable Soft Start
■ Lossless Short Circuit Protection
■ VCC Monitor
■ Adaptive Voltage Positioning
■ V2™ Control Topology
■ Current Sharing
■ Overvoltage Protection




Similar Part No. - CS5151

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5151 ONSEMI-CS5151 Datasheet
572Kb / 17P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
CS5151GD16 ONSEMI-CS5151GD16 Datasheet
572Kb / 17P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
CS5151GDR16 ONSEMI-CS5151GDR16 Datasheet
572Kb / 17P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
CS5151GN16 ONSEMI-CS5151GN16 Datasheet
572Kb / 17P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
CS5151H ONSEMI-CS5151H Datasheet
560Kb / 16P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
More results


Similar Description - CS5151

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5150 CHERRY-CS5150 Datasheet
236Kb / 14P
CPU 4-Bit Synchronous Buck Controller
Rev. 1/4/99
CS5150H CHERRY-CS5150H Datasheet
322Kb / 14P
CPU 4-Bit Synchronous Buck Controller
Rev. 1/21/99
CS5155 CHERRY-CS5155 Datasheet
279Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/22/99
CS5155H CHERRY-CS5155H Datasheet
238Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/21/99
CS5156 CHERRY-CS5156 Datasheet
308Kb / 14P
CPU 5-Bit Nonsynchronous Buck Controller
Rev. 1/5/99
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 12/31/98
CS5157H CHERRY-CS5157H Datasheet
236Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/27/99
logo
ON Semiconductor
CS5151 ONSEMI-CS5151 Datasheet
572Kb / 17P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
CS5156 ONSEMI-CS5156 Datasheet
576Kb / 17P
CPU 5?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 11
CS5151H ONSEMI-CS5151H Datasheet
560Kb / 16P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com