Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5151 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS5151
Description  CPU 4-Bit Nonsynchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5151 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS5151 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
The CS5151 is a 4-bit nonsyn-
chronous N-Channel buck con-
troller. It is designed to provide
unprecedented transient response
for today’s demanding high-densi-
ty, high-speed logic. The regulator
operates using a proprietary control
method, which allows a 100ns
response time to load transients.
The CS5151 is designed to operate
over a 4.25-16V range (VCC) using
12V to power the IC and 5V as the
main supply for conversion.
The CS5151 is specifically designed
to power Pentium® processors with
MMX™ Technology and other high
performance core logic. It includes
the following features: on board,
4-bit DAC, short circuit protection,
1.0% output tolerance, VCC monitor,
and programmable soft start capa-
bility. The CS5151 is upwards com-
patible with the 5-bit CS5156, allow-
ing the mother board designer the
capability of using either the
CS5151 or the CS5156 with no
change in layout. The CS5151 is
available in 16 pin surface mount
and DIP packages.
Features
s
N-Channel Design
s
Excess of 1MHz Operation
s
100ns Transient Response
s
4-Bit DAC
s
Upward Compatible with
5-Bit CS5155/5156 and
Adjustable CS5120/5121
s
30ns Gate Rise/Fall Times
s
1% DAC Accuracy
s
5V & 12V Operation
s
Remote Sense
s
Programmable Soft Start
s
Lossless Short Circuit
Protection
s
VCC Monitor
s
Adaptive Voltage
Positioning
s
V2™ Control Topology
s
Current Sharing
s
Overvoltage Protection
Package Options
CPU 4-Bit Nonsynchronous Buck Controller
CS5151
Description
Application Diagram
1
VID0
VID1
VID2
VID3
SS
NC
COFF
VFFB
VFB
COMP
LGnd
VCC1
NC
PGnd
VGATE
VCC2
16 Lead SO Narrow & PDIP
1
Switching Power Supply for core logic - Pentium® processor with MMX™ Technology
0.33µF
VID0
VID1
VID2
VID3
VID0
VID1
VID2
VID3
VCC1
SS
COFF
LGnd
VFB
VFFB
COMP
IRL3103
0.1µF
12V
5V
2µH
2.1V to 3.5V @ 13A
VCC2
VGATE
PGnd
1200µF/16V x 3
AlEl
3.3k
0.1µF
1200µF/16V x 5
AlEl
100pF
330pF
CS5151
MBR735
3
1,2
V2 is a trademark of Switch Power, Inc.
Pentium is a registered trademark and MMX is a trademark of Intel Corporation.
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
®
Rev. 1/5/99


Similar Part No. - CS5151

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5151 ONSEMI-CS5151 Datasheet
572Kb / 17P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
CS5151GD16 ONSEMI-CS5151GD16 Datasheet
572Kb / 17P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
CS5151GDR16 ONSEMI-CS5151GDR16 Datasheet
572Kb / 17P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
CS5151GN16 ONSEMI-CS5151GN16 Datasheet
572Kb / 17P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
CS5151H ONSEMI-CS5151H Datasheet
560Kb / 16P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
More results

Similar Description - CS5151

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5150 CHERRY-CS5150 Datasheet
236Kb / 14P
CPU 4-Bit Synchronous Buck Controller
Rev. 1/4/99
CS5150H CHERRY-CS5150H Datasheet
322Kb / 14P
CPU 4-Bit Synchronous Buck Controller
Rev. 1/21/99
CS5155 CHERRY-CS5155 Datasheet
279Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/22/99
CS5155H CHERRY-CS5155H Datasheet
238Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/21/99
CS5156 CHERRY-CS5156 Datasheet
308Kb / 14P
CPU 5-Bit Nonsynchronous Buck Controller
Rev. 1/5/99
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 12/31/98
CS5157H CHERRY-CS5157H Datasheet
236Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/27/99
logo
ON Semiconductor
CS5151 ONSEMI-CS5151 Datasheet
572Kb / 17P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
CS5156 ONSEMI-CS5156 Datasheet
576Kb / 17P
CPU 5?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 11
CS5151H ONSEMI-CS5151H Datasheet
560Kb / 16P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com