Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5151 Datasheet(PDF) 12 Page - Cherry Semiconductor Corporation

Part # CS5151
Description  CPU 4-Bit Nonsynchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5151 Datasheet(HTML) 12 Page - Cherry Semiconductor Corporation

Back Button CS5151 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 14Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Applications Information: continued
12
RTRACE =
This causes the output voltage to be +40mV with no load,
and -40mV with a full load, improving regulator transient
response. This trace must be wide enough to carry the full
output current. (Typical trace is 1.0 inch long, 0.17 inch
wide). Care should be taken to minimize any additional
losses after the feedback connection point to maximize reg-
ulation.
7. If DC regulation is to be optimized (at the expense of
degraded transient regulation), adaptive voltage position-
ing can be disabled by connecting to VFB pin directly to the
load with a separate trace (remote sense).
8. Place 5V input capacitors close to the switching MOS-
FET.
Route gate drive signal VGATE (pin 10) with a trace that is a
minimum of 0.025 inches wide.
Figure 18: Layout Guidelines
15
To the negative terminal of the
input capacitors
100pF
VFFB
11
8
OFF TIME
5
SOFTSTART
VCC
0.1µF
To the negative terminal of the output capacitors
1.0µF
VCOMP
80mV
IMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com