Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5151 Datasheet(PDF) 9 Page - Cherry Semiconductor Corporation

Part # CS5151
Description  CPU 4-Bit Nonsynchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5151 Datasheet(HTML) 9 Page - Cherry Semiconductor Corporation

Back Button CS5151 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 13Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Applications Information: continued
9
components, input power supply, and PC board traces
than occurs with constant current limit protection (see
Figures 10 and 11).
If the short circuit condition is removed, output voltage
will rise above the 1V level, preventing the FAULT latch
from being set, allowing normal operation to resume.
Figure 10: CS5151 demonstration board hiccup mode short circuit pro-
tection. Gate pulses are delivered while the soft start capacitor charges,
and cease during discharge.
Figure 11: Startup with regulator output shorted.
Overvoltage Protection
Overvoltage protection (OVP) is provided as result of the
normal operation of the V2™ control topology and requires
no additional external components. The control loop
responds to an overvoltage condition within 100ns, causing
the MOSFET to shut off, disconnecting the regulator from
its input voltage.
External Output Enable Circuit
On/off control of the regulator can be implemented
through two additional discrete components (see Figure 12).
This circuit operates by pulling the soft start pin high, and
the VFFB pin low, emulating a short circuit condition.
Figure 12: Implementing shutdown with the CS5151.
External Power Good Circuit
An optional Power Good signal can be generated through
the use of four additional external components (see Figure
15). The threshold voltage of the Power Good signal can be
adjusted per the following equation:
VPower Good =
This circuit provides an open collector output that drives
the Power Good output to ground for regulator voltages
less than VPower Good.
Figure 13: Implementing Power Good with the CS5151.
VOUT
CS5151
R1
10k
R2
6.2k
R3
10k
Power Good
5V
PN3904
PN3904
(R1 + R2) × 0.65V
R2
Shutdown
Input
5V
VFFB
CS5151
SS
5
8
IN4148
MMUN2111T1 (SOT-23)
Trace 4 = 5V from PC Power Supply (2V/div.)
Trace 2 = Inductor Switching Node (2V/div.)
Trace 4 - 5V Supply Voltage (2V/div.)
Trace 3 - Soft Start Timing Capacitor (1V/div.)
Trace 2 - Inductor Switching Node (2V/div.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com