Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5151 Datasheet(PDF) 10 Page - Cherry Semiconductor Corporation

Part # CS5151
Description  CPU 4-Bit Nonsynchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5151 Datasheet(HTML) 10 Page - Cherry Semiconductor Corporation

Back Button CS5151 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 14Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Applications Information: continued
10
Figure 14: CS5151 demonstration board during power up. Power Good
signal is activated when output voltage reaches 1.70V.
Selecting External Components
The CS5151 can be used with a wide range of external
power components to optimize the cost and performance of
a particular design. The following information can be used
as general guidelines to assist in their selection.
NFET Power Transistors
Both logic level and standard MOSFETs can be used. The
reference designs derive gate drive from the 12V supply
which is generally available in most computer systems and
use logic level MOSFETs. A charge pump may be easily
implemented to support 5V only systems. Multiple
MOSFETs may be paralleled to reduce losses and improve
efficiency and thermal management.
Voltage applied to the MOSFET gate depends on the appli-
cation circuit used. The gate driver output is specified to
drive to within 1.5V of ground when in the low state and to
within 2V of its bias supply when in the high state. In prac-
tice, the MOSFET gate will be driven rail to rail due to
overshoot caused by the capacitive load it presents to the
controller IC. For the typical application where VCC1 = VCC2
= 12V and 5V is used as the source for the regulator output
current, the following gate drive is provided;
VGATE = 12V - 5V = 7V (see Figure 15).
Figure 15: CS5151 gate drive waveforms depicting rail to rail swing.
The most important aspect of MOSFET performance is
RDSON, which effects regulator efficiency and MOSFET
thermal management requirements.
The power dissipated by the MOSFET and the Schottky
diode may be estimated as follows;
Switching MOSFET:
Power = ILOAD2 × RDSON × duty cycle
Schottky diode:
Power = VFORWARD × ILOAD × (1 - duty cycle)
Duty Cycle =
Off Time Capacitor (COFF)
The COFF timing capacitor sets the regulator off time:
TOFF = COFF × 4848.5
When the VFFB pin is less than 1V, the current charging the
COFF capacitor is reduced. The extended off time can be cal-
culated as follows:
TOFF = COFF × 24,242.5.
Off time will be determined by either the TOFF time, or the
time out timer, whichever is longer.
The preceding equations for duty cycle can also be used to
calculate the regulator switching frequency and select the
VOUT + VFORWARD
VIN + VFORWARD - (ILOAD × RDSON OF SWITCH FET)
Channel 3 = VGATE
M1= VGATE - 5VIN
Channel 2 = Inductor Switching Node
Trace 3 = 12V Input (VCC1) and VCC2) (10V/div.)
Trace 4 = 5V Input (2V/div.)
Trace 1 = Regulator Output Voltage (1V/div.)
Trace 2 = Power Good Signal (2V/div.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com