Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5151 Datasheet(PDF) 13 Page - Cherry Semiconductor Corporation

Part # CS5151
Description  CPU 4-Bit Nonsynchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5151 Datasheet(HTML) 13 Page - Cherry Semiconductor Corporation

Back Button CS5151 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5151 Datasheet HTML 14Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Figure 19: 5V to 3.3V/10A converter.
Figure 20: 5V to 3.3V/10A converter with current sharing.
Figure 21: 3.3V to 2.5V/7A converter with 12V bias.
0.33µF
VID0
VID1
VID2
VID3
VCC1
CS5151
COFF
VFB
VFFB
COMP
Si9410
12V
+
+
5µH
2.5V/7A
VCC2
PGnd
3.3k
0.1µF
100µF/10V x 2
Tantalum
100pF
330pF
1µF
33µF/25V x 3
Tantalum
3.3V
SS
LGnd
VGATE
MBR1535CT
2
1,3
0.33µF
VID0
VID1
VID2
VID3
VCC1
COFF
VFB
VFFB
COMP
Si4410
1µF
5V
+
+
3µH
3.3V/10A
VCC2
PGnd
3.3k
0.1µF
100µF/10V x 3
Tantalum
100pF
330pF
0.1µF
1µF
MBRS120
MBRS120
100µF/10V x 3
Tantalum
10Ω
Remote
Sense
Connect to
other circuits for
current sharing
SS
LGnd
VGATE
MBR1535CT
2
1,3
CS5151
MBRS
120
0.33µF
VID0
VID1
VID2
VID3
VCC1
COFF
VFB
VFFB
COMP
Si4410DY
1µF
5V
+
+
3µH
3.3V/10A
VCC2
PGnd
3.3k
0.1µF
100µF/10V x 3
Tantalum
100pF
330pF
0.1µF
1µF
MBRS120
MBRS120
100µF/10V x 3
Tantalum
SS
LGnd
VGATE
MBR1535CT
2
1,3
CS5151
MBRS
120
Additional Application Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com