Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXMS150PSI Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXMS150PSI
Description  High Performance Dual PWM Microstepping Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXMS150PSI Datasheet(HTML) 2 Page - IXYS Corporation

  IXMS150PSI Datasheet HTML 1Page - IXYS Corporation IXMS150PSI Datasheet HTML 2Page - IXYS Corporation IXMS150PSI Datasheet HTML 3Page - IXYS Corporation IXMS150PSI Datasheet HTML 4Page - IXYS Corporation IXMS150PSI Datasheet HTML 5Page - IXYS Corporation IXMS150PSI Datasheet HTML 6Page - IXYS Corporation IXMS150PSI Datasheet HTML 7Page - IXYS Corporation IXMS150PSI Datasheet HTML 8Page - IXYS Corporation IXMS150PSI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
I - 36
© 1998 IXYS All rights reserved
IXMS 150
Symbol
Definition/Condition
Characteristic Values
(V
DD = 12 V, TA = 25°C unless otherwise specified)
min. typ. max.
Oscillator
f
OSC
Frequency
C
o
10
400
kHz
V
A(p-p)
Amplitude
FFWD = OPEN
7
V
Z
OUT
Output Impedance
± I
OUT = 400 µA
2.5
mΩ
Resistance Range R
o
15
100
kΩ
Capacitance Range C
o
100
2000
pF
Feed Forward
V
FFWD
Feedforward
FFWD = Open
3.5
V
Voltage
Z
INFF
Impedance to AGND
25
45
kΩ
Analog Inputs
V
FS
Input FullScale
V
INA
DC
±2V
V
INB
Z
IN1
V
IN to Comp2
DC
20
32
kΩ
Impedance
Z
IN2
Comp
1 to Comp2
DC
12
20
kΩ
Impedance
Sense Inputs
SENSE
A
V
SENSE
Full Scale Input SENSE
B
DC
±0.625
V
Z
INS
Input Impedance
DC
100 200
kΩ
Protection Circuit
SENSE
A
V
OV-1
Over Current
SENSE
B
0.8 0.95
1.0
V
Voltage
t
OV-1
Reset Pulse Width
0.5
1
µs
V
EX-1
Excess Current Voltage
3.45 3.6
3.75
V
t
EX-1
Reset Pulse Width
300
ns
Under Voltage
V
UV
Minimum V
DD
OUTDIS
7.5
8
8.5
V
I
IH
Input High Current
V
IH = 11.5 V
100
µA
I
IL
Input Low Current
V
IL = 0.5 V
1.8
mA
Outputs
V
OH
Output High V
OUTA, VOUTA
I
OH = -10 mA
8.0 11.2
V
Voltage
V
OL
Output Low V
OUTB, VOUTB
I
OL = 10 mA
0.8
1.1
V
Voltage
t
r
Rise Time
C
L = 100 pF
35
50
ns
t
f
Fall Time
C
L = 100 pF
35
50
ns
T
DT
Dead-Time
C
o = 180 pF
200 300
450
ns
T
MIN
Minimum Pulse Width
C
p = 30 pF
0.6
0.8
1.5
µs
VBB Generator
V
BBmin
Minimum
V
BB
OUTDIS
-1.4 -1.9
V
Negative Bias
= V
DD
V
BB
Negative Bias
I
OUT = -3 mA
-2.1 -2.4
V
Voltage
V
REG
Load Regulation
f
OSC
60
mV
= 100 kHz
V
OH
Output High Volt. C
PUMP
I
OH = -10 mA
11.2
V
V
OL
Output Low Volt.
I
OL = 32 mA
0.8
V
Supply
I
DD1
Idle Current
V
DD
V
IN = 0
16
26
mA
I
DD2
Operating Current
f
OSC
15
45
mA
= 100 kHz
V
BYPASS
Bypass Voltage
BYPASS
5.9
16.1
V
Z
INBP
Impedance to AGND
9
16
kΩ
Dimensions in inch (1" = 25.4 mm)
24-Pin Skinny DIP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com