Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4808B-1 Datasheet (PDF) - Semtech Corporation

SC4808B-1 Datasheet PDF - Semtech Corporation
Part # SC4808B-1
Download  SC4808B-1 Download
File Size   439.52 Kbytes
Page   28 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Performance Dual Ended PWM Controller

SC4808B-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4808B-1 Datasheet PDF - Semtech Corporation

Part # SC4808B-1
Download  SC4808B-1 Click to download

File Size   439.52 Kbytes
Page   28 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Performance Dual Ended PWM Controller

SC4808B-1 Datasheet (HTML) - Semtech Corporation


SC4808B-1 Product details

Description
The SC4808B-1 is a dual-ended, high frequency, integrated PWM controller, optimized for isolated applications that require minimum space. It can be configured for current or voltage mode operation with required control circuitry where secondary side error amplifier is used.
   
Features
◆ 120µA starting current
◆ Pulse by pulse current limit
◆ Programmable operation up to 1MHz
◆ Internal soft start
◆ Programmable line undervoltage lockout
◆ Over current shutdown
◆ Dual output drive stages on push-pull configuration
◆ Programmable internal slope compensation
◆ Programmable mode of operation (peak current mode
    or voltage mode)
◆ External frequency synchronization
◆ Bi-phase mode of operation
◆ -40 to 105 °C operating temperature
◆ MSOP-10 lead free package. This product is fully WEEE
    and RoHS compliant
   
Applications
◆ Telecom equizpment and power supplies
◆ Networking power supplies
◆ Industrial power supplies
◆ Push-pull converter
◆ Half bridge converter
◆ Full bridge converter
◆ Isolated VRM’s
  




Similar Part No. - SC4808B-1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4808B-2 SEMTECH-SC4808B-2 Datasheet
439Kb / 28P
High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2 Datasheet
802Kb / 28P
High Performance Dual Ended PWM Controller
SC4808B-2MSTRT SEMTECH-SC4808B-2MSTRT Datasheet
439Kb / 28P
High Performance Dual Ended PWM Controller
SC4808B-2MSTRT SEMTECH-SC4808B-2MSTRT Datasheet
802Kb / 28P
High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2_09 Datasheet
802Kb / 28P
High Performance Dual Ended PWM Controller
More results


Similar Description - SC4808B-1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4808A SEMTECH-SC4808A Datasheet
468Kb / 31P
High Performance Dual Ended PWM Controller
SC4808C SEMTECH-SC4808C Datasheet
381Kb / 24P
High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2 Datasheet
439Kb / 28P
High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2_09 Datasheet
802Kb / 28P
High Performance Dual Ended PWM Controller
logo
IXYS Corporation
IXMS150PSI IXYS-IXMS150PSI Datasheet
464Kb / 10P
High Performance Dual PWM Microstepping Controller
logo
Semtech Corporation
SC4808A SEMTECH-SC4808A_16 Datasheet
473Kb / 31P
High Performance Dual Ended PWM Controller
logo
E-CMOS Corporation
EC3228 E-CMOS-EC3228 Datasheet
846Kb / 16P
High-Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1728 TECHCODE-TD1728 Datasheet
530Kb / 17P
High-Performance PWM Controller
TD1730 TECHCODE-TD1730 Datasheet
677Kb / 17P
High-Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1468 HMSEMI-HM1468 Datasheet
2Mb / 16P
High-Performance PWM Controller
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com