Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53318 Datasheet (PDF) - Texas Instruments

TPS53318 Datasheet PDF - Texas Instruments
Part # TPS53318
Download  TPS53318 Download
File Size   1529.1 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS5331x High-Efficiency, 8A or 14A, Synchronous Buck Converter With Eco-mode Control

TPS53318 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS53318 Datasheet PDF - Texas Instruments

Part # TPS53318
Download  TPS53318 Click to download

File Size   1529.1 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS5331x High-Efficiency, 8A or 14A, Synchronous Buck Converter With Eco-mode Control

TPS53318 Datasheet (HTML) - Texas Instruments


TPS53318 Product details

1 Features
• New products available: TPS548A28 and
TPS548A29 16V, 15A, synchronous converters
with remote sense
• Conversion input voltage range: 1.5V to 22V
• VDD input voltage range: 4.5V to 25V
• 91% efficiency from 12V to 1.5V at 14A
• Output voltage range: 0.6V to 5.5V
• 5V LDO output
• Supports single-rail input
• Integrated power MOSFETs with 8A (TPS53318)
or 14A (TPS53319) of continuous output current
• Auto-skip Eco-mode for light-load efficiency
• < 110μA shutdown current
• D-CAP™ integrated circuit mode with fast transient
response
• Selectable switching frequency from 250kHz to
1MHz with external resistor
• Selectable auto-skip or PWM-only operation
• Built-in 1% 0.6V reference
• 0.7ms, 1.4ms, 2.8ms and 5.6ms selectable internal
voltage servo soft-start
• Integrated boost switch
• Pre-charged start-up capability
• Adjustable overcurrent limit with thermal
compensation
• Overvoltage, undervoltage, UVLO and
overtemperature protection
• Supports all ceramic output capacitors
• Open-drain power-good indication
• Incorporates NexFET™ power MOSFET block
technology
• 22-pin QFN (DQP) package with PowerPAD™
integrated circuit package

2 Applications
• Server and storage
• Workstations and desktops
• Telecommunications infrastructure

3 Description
The TPS53318 and TPS53319 devices are D-CAP
mode, 8A or 14A, synchronous switchers with
integrated MOSFETs. These devices are designed
for ease of use, low external component count, and
space-conscious power systems.
These devices feature accurate 1%, 0.6V reference,
and integrated boost switch. A sample of competitive
features include: 1.5V to 22V wide conversion input
voltage range, very low external component count,
D-CAP integrated circuit mode control for super
fast transient, auto-skip mode operation, internal softstart
control, selectable frequency, and no need for
compensation.
The conversion input voltage ranges from 1.5V to
22V, the supply voltage range is from 4.5V to 25V,
and the output voltage range is from 0.6V to 5.5V.
These devices are available in 5mm × 6mm, 22-pin
QFN package and is specified from –40°C to 85°C.
The TPS548A28 and TPS548A29 are newer 15A
devices designed for data center applications in a
smaller, fully lead-free package.




Similar Part No. - TPS53318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53318 TI-TPS53318 Datasheet
1Mb / 34P
High-Efficiency 8-A or 14-A Synchronous Buck Converter with Eco-mode
TPS53318DQPR TI-TPS53318DQPR Datasheet
1Mb / 34P
High-Efficiency 8-A or 14-A Synchronous Buck Converter with Eco-mode
TPS53318DQPT TI-TPS53318DQPT Datasheet
1Mb / 34P
High-Efficiency 8-A or 14-A Synchronous Buck Converter with Eco-mode
TPS53318 TI-TPS53318_15 Datasheet
1Mb / 37P
TPS5331x High-Efficiency, 8-A or 14-A, Synchronous Buck Converter with Eco-mode Control
More results


Similar Description - TPS53318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53353EVM-744 TI1-TPS53353EVM-744 Datasheet
3Mb / 24P
Synchronous Buck Converter With Eco-mode??Control Scheme
TPS53355 TI1-TPS53355 Datasheet
977Kb / 29P
High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53318 TI-TPS53318 Datasheet
1Mb / 34P
High-Efficiency 8-A or 14-A Synchronous Buck Converter with Eco-mode
TPS53318 TI-TPS53318_15 Datasheet
1Mb / 37P
TPS5331x High-Efficiency, 8-A or 14-A, Synchronous Buck Converter with Eco-mode Control
logo
Global Mixed-mode Techn...
G5385A GMT-G5385A Datasheet
92Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5383 GMT-G5383 Datasheet
92Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5382 GMT-G5382 Datasheet
91Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5333 GMT-G5333 Datasheet
156Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5332A GMT-G5332A Datasheet
92Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5312 GMT-G5312 Datasheet
95Kb / 1P
High Efficiency 8A Synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com