Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS321IDBVR-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TS321IDBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TS321IDBVR-TP
Download  TS321IDBVR-TP Download
File Size   2951.88 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1MHz, Low Power Single Op Amp

TS321IDBVR-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
TS321IDBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TS321IDBVR-TP
Download  TS321IDBVR-TP Click to download

File Size   2951.88 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1MHz, Low Power Single Op Amp

TS321IDBVR-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TS321IDBVR-TP Product details

Features

« General Purpose, Low Cost

» Gain Bandwidth Product: 1MHz

« Low supply current 100pA

Offset Voltage: 5.0mV

Low input bias current 45nA

» Low Input Offset Current 3nA

« Wide Supply Voltage Range: 3V to 32V/
« Dual power supply range: +1.5V to +16V
« Operating Temperature: -40°C ~ +85°C
o Type Package:SOT23-5
Applications

« Chargers

Desktops

Active Filters

« Medical Equipment

« Battery and Power Supply Control

© Industrial controls and instruments

'« Communications infrastructure

Piezo Electrical Transducer Amplifier




Similar Part No. - TS321IDBVR-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS321IDBVR TI-TS321IDBVR Datasheet
259Kb / 8P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TS321IDBVR TI-TS321IDBVR Datasheet
368Kb / 11P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TS321IDBVR TI1-TS321IDBVR Datasheet
1Mb / 21P
Low-Power Single Operational Amplifier
TS321IDBVRE4 TI-TS321IDBVRE4 Datasheet
259Kb / 8P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TS321IDBVRE4 TI-TS321IDBVRE4 Datasheet
368Kb / 11P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
More results


Similar Description - TS321IDBVR-TP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM321 NSC-LM321 Datasheet
237Kb / 9P
Low Power Single Op Amp
logo
KODENSHI_AUK CORP.
SN321 KODENSHI-SN321 Datasheet
319Kb / 7P
Low Power Single OP-AMP
logo
Tiger Electronic Co.,Lt...
LM321MF TGS-LM321MF Datasheet
1Mb / 9P
Low Power Single Op Amp
logo
Texas Instruments
LM321 TI1-LM321 Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
logo
Unisonic Technologies
LM321 UTC-LM321 Datasheet
225Kb / 7P
LOW POWER SINGLE OP AMP
LM321 UTC-LM321_17 Datasheet
227Kb / 7P
LOW POWER SINGLE OP AMP
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
Low-Power, Single-Supply Op Amp Reference
logo
SHOUDING Shouding Semic...
SD321 SHOUDING-SD321 Datasheet
1Mb / 9P
Low Power Single Op Amp
logo
AiT Semiconductor Inc.
AO321B AITSEMI-AO321B Datasheet
968Kb / 11P
LOW POWER SINGLE OP AMP
REV1.0
logo
New Japan Radio
NJM320A NJRC-NJM320A Datasheet
751Kb / 11P
Low power single channel OP-Amp
Ver.01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com