Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61043 Datasheet (PDF) - Texas Instruments

TPS61043 Datasheet PDF - Texas Instruments
Part # TPS61043
Download  TPS61043 Download
File Size   1068.56 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61043 Constant Current LED Driver

TPS61043 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61043 Datasheet PDF - Texas Instruments

Part # TPS61043
Download  TPS61043 Click to download

File Size   1068.56 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61043 Constant Current LED Driver

TPS61043 Datasheet (HTML) - Texas Instruments


TPS61043 Product details

1 Features
1• Current Source With 18-V Overvoltage Protection
• Powers up to 4 LEDs in Series
• Input Voltage Range: 1.8 V to 6 V
• Internal 30-V Switch
• Up to 85% Efficiency
• Precise Brightness Control Using PWM Signal or
Analog Signal
• Switching Frequency up to 1 MHz
• Internal Power MOSFET Switch 400 mA
• Operates With Small Output Capacitors Down to
100 nF
• Disconnects LEDs During Shutdown
• No Load Quiescent Current 38 μA Typical
• Shutdown Current 0.1 μA Typical
• Available in a Small 3-mm × 3-mm QFN Package

2 Applications
• White LED Supply for Display Backlight and
Sidelight in
– PDAs, Pocket PCs, Smart Phones
– Handheld Devices
– Cellular Phones

3 Description
The TPS61043 is a high-frequency boost converter
with constant current output that drives white LEDs or
similar. The LED current is set with the external
sense resistor (RS) and is directly regulated by the
feedback pin (FB) that regulates the voltage across
the sense resistor RS to 252 mV (typical). To control
LED brightness, the LED current can be pulsed by
applying a PWM (pulse width modulated) signal with
a frequency range of 100 Hz to 50 kHz to the control
pin (CTRL). To allow higher flexibility, the device can
be configured so that the brightness is controlled by
an analog signal as well, as described in Application
Information. To avoid possible leakage currents
through the LEDs during shutdown, the control pin
(CTRL) disables the device and disconnects the
LEDs from ground. For maximum safety during
operation, the output has integrated overvoltage
protection that prevents damage to the device by
limiting the output voltage to typically 18 V in case of
a high-impedance output (for example, faulty LED).
The TPS61043 device provides a solution for
applications where higher LED currents or more than
four LEDs in series must be powered.




Similar Part No. - TPS61043

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
CONSTANT CURRENT LED DRIVER
TPS61043 TI2-TPS61043 Datasheet
1Mb / 34P
TPS61043 Constant Current LED Driver
REVISED FEBRUARY 2016
TPS61043DRB TI-TPS61043DRB Datasheet
516Kb / 21P
CONSTANT CURRENT LED DRIVER
TPS61043DRB TI1-TPS61043DRB Datasheet
958Kb / 27P
CONSTANT CURRENT LED DRIVER
TPS61043DRBR TI1-TPS61043DRBR Datasheet
958Kb / 27P
CONSTANT CURRENT LED DRIVER
More results


Similar Description - TPS61043

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
CONSTANT CURRENT LED DRIVER
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
Constant Current LED Driver
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
Constant Current LED Driver.
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
Constant Current LED Driver
Rev 2
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
Constant Current LED Driver
2016/09/23
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
Constant Current LED Driver
2016/09/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com