Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65023 Datasheet (PDF) - Texas Instruments

TPS65023 Datasheet PDF - Texas Instruments
Part # TPS65023
Download  TPS65023 Download
File Size   1819.54 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65023x Power Management IC (PMIC) With 3 DC/DCs, 3 LDOs, I2C Interface and DVS

TPS65023 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65023 Datasheet PDF - Texas Instruments

Part # TPS65023
Download  TPS65023 Click to download

File Size   1819.54 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65023x Power Management IC (PMIC) With 3 DC/DCs, 3 LDOs, I2C Interface and DVS

TPS65023 Datasheet (HTML) - Texas Instruments


TPS65023 Product details

1 Features
1• 1.7-A, 90% Efficient Step-Down Converter for
Processor Core (VDCDC1)
• 1.2-A, Up to 95% Efficient Step-Down Converter
for System Voltage (VDCDC2)
• 1.0-A, 92% Efficient Step-Down Converter for
Memory Voltage (VDCDC3)
• 30-mA LDO and Switch for Real Time Clock
(VRTC)
• 2 × 200-mA General-Purpose LDO
• Dynamic Voltage Management for Processor Core
• Preselectable LDO Voltage Using Two Digital
Input Pins
• Externally Adjustable Reset Delay Time
• Battery Backup Functionality
• Separate Enable Pins for Inductive Converters
• I2C-Compatible Serial Interface
• I2C™ Setup and Hold Timing:
– TPS65023: 300 ns
– TPS65023B: 100 ns
• 85-μA Quiescent Current
• Low Ripple PFM Mode
• Thermal Shutdown Protection
• 40-Pin, 5-mm × 5-mm WQFN Package

2 Applications
• Digital Media Players
• Internet Audio Players
• Digital Still Cameras
• Smart Phones
• Supply DaVinci™ DSP Family Solutions

3 Description
The TPS65023x device is an integrated power
management IC for applications powered by one
Li-Ion or Li-Polymer cell, which require multiple power
rails. The TPS65023x provides three highly efficient,
step-down converters targeted at providing the core
voltage, peripheral, I/O, and memory rails in a
processor-based system. The core converter allows
for on-the-fly voltage changes through serial
interface, allowing the system to implement dynamic
power savings. All three step-down converters enter a
low-power mode at light load for maximum efficiency
across the widest possible range of load currents.
The TPS65023x also integrates two general-purpose
200-mA LDO voltage regulators, which are enabled
with an external input pin. Each LDO operates with
an input voltage range from 1.5 V to 6.5 V, thus
allowing them to be supplied from one of the stepdown
converters or directly from the battery. The
default output voltage of the LDOs can be digitally set
to 4 different voltage combinations using the
DEFLDO1 and DEFLDO2 pins. The serial interface
can be used for dynamic voltage scaling, masking
interrupts, or for disabling or enabling and setting the
LDO output voltages. The interface is compatible with
both the fast and standard mode I2C specifications,
allowing transfers at up to 400 kHz. The TPS65023x
is available in a 40-pin WQFN package, and operates
over a free-air temperature of –40°C to 85°C.




Similar Part No. - TPS65023

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
214Kb / 9P
High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
TPS65023 TI1-TPS65023 Datasheet
1Mb / 47P
Power Management IC
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
Power Management IC For Li-Ion Powered Systems
More results


Similar Description - TPS65023

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6521815 TI1-TPS6521815 Datasheet
1Mb / 107P
TPS6521815 User-Programmable Power Management IC (PMIC) With 6 DC/DC Converters, 1 LDO, and 3 Load Switches
TPS6594-Q1 TI1-TPS6594-Q1 Datasheet
3Mb / 357P
TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6594-Q1 TI-TPS6594-Q1_V01 Datasheet
3Mb / 358P
TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6593-Q1 TI-TPS6593-Q1 Datasheet
3Mb / 132P
TPS6593-Q1 Power Management IC (PMIC) with 5 Bucks and 4 LDOs for Automotive Applications
TPS6521905 TI1-TPS6521905 Datasheet
4Mb / 164P
User programmable Power Management IC (PMIC) with three step-down DC/DC converters and four LDOs
JUNE 2023
logo
Richtek Technology Corp...
RT2070T RICHTEK-RT2070T Datasheet
3Mb / 40P
3 Channel DC-DC Converters LDO LSW PMIC with I2C Interface for Industrial and Automotive Application
May 2018
logo
MPS Industries, Inc.
MP5413 MPSIND-MP5413 Datasheet
139Kb / 2P
2.7V-5.5V, Power Management IC with Four Buck Converters, Two LDOs,I2C Interface, and 2 GPO Pins
Rev. 0.8 3/21/2019
logo
Texas Instruments
TPS6521905-Q1 TI-TPS6521905-Q1 Datasheet
2Mb / 155P
Automotive User programmable Power Management IC (PMIC) with three step-down DC/DC converters and four LDOs
SEPTEMBER 2023
TPS6522005-EP TI1-TPS6522005-EP Datasheet
3Mb / 164P
TPS6522005-EP User Programmable Power Management IC (PMIC) with Three Stepdown DC/DC Converters and Four LDOs
NOVEMBER 2023
TPS65224-Q1 TI1-TPS65224-Q1 Datasheet
659Kb / 11P
TPS65224-Q1 Power Management IC (PMIC) with 4 BUCKs and 3 LDOs for Safety- Relevant Automotive Applications
DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com