Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1368034 Datasheet (PDF) - PHOENIX CONTACT

1368034 Datasheet PDF - PHOENIX CONTACT
Part # 1368034
Download  1368034 Download
File Size   531.31 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPC 4/ 5-STL4-6,35 - PCB connector

1368034 Datasheet (PDF)

Go To PDF Page Download Datasheet
1368034 Datasheet PDF - PHOENIX CONTACT

Part # 1368034
Download  1368034 Click to download

File Size   531.31 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPC 4/ 5-STL4-6,35 - PCB connector

1368034 Datasheet (HTML) - PHOENIX CONTACT


1368034 Product details

PCB connector, nominal cross section: 4 mm2, color: black, nominal current: 24 A, rated voltage
(III/2): 1000 V, contact surface: Sn, contact connection type: Socket, number of potentials: 4,
number of rows: 1, number of positions: 5, number of connections: 4, product range: SPC 4/..-
STL, pitch: 6.35 mm, connection method: Push-in spring connection, conductor/PCB connection
direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON PC 4, locking:
Snap-in locking, mounting method: Latching flange, type of packaging: packed in cardboard




Similar Part No. - 1368034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
13680 ETC1-13680 Datasheet
219Kb / 5P
Normal Wall Flame Retardant Heat Shrink Tubing
logo
Multicomp Pro
13680 MULTICOMP-13680 Datasheet
231Kb / 3P
Normal Wall, Flexible Halogen-Free Polyolefin Heat Shrink Tubing
23/06/22 V1.0
logo
Pro-Power
13680 PROPOWER-13680 Datasheet
311Kb / 5P
2:1 Normal Wall Heatshrink Tubing
V1.1 09/03/20
logo
PHOENIX CONTACT
1368024 PHOENIX-1368024 Datasheet
295Kb / 11P
PTV 6-FE - Feed-through terminal block
logo
Weidmuller
1368040000 WEIDMULLER-1368040000 Datasheet
349Kb / 7P
BLZP 5.08HC/12/90 SN OR BX PRT
More results


Similar Description - 1368034

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1232900 PHOENIX-1232900 Datasheet
630Kb / 15P
SPC 4/ 2-ST-6,35 - PCB connector
1232902 PHOENIX-1232902 Datasheet
629Kb / 15P
SPC 4/ 4-ST-6,35 - PCB connector
1232903 PHOENIX-1232903 Datasheet
629Kb / 15P
SPC 4/ 5-ST-6,35 - PCB connector
1233109 PHOENIX-1233109 Datasheet
527Kb / 13P
SPC 4/ 4-STL2-6,35 - PCB connector
1233110 PHOENIX-1233110 Datasheet
528Kb / 13P
SPC 4/ 5-STL3-6,35 - PCB connector
1233112 PHOENIX-1233112 Datasheet
498Kb / 12P
SPC 4/ 7-STL4-6,35 - PCB connector
1233113 PHOENIX-1233113 Datasheet
496Kb / 12P
SPC 4/ 8-STL4-6,35 - PCB connector
1233121 PHOENIX-1233121 Datasheet
528Kb / 13P
SPC 4/ 4-STTL-6,35 - PCB connector
1233122 PHOENIX-1233122 Datasheet
528Kb / 13P
SPC 4/ 5-STTL-6,35 - PCB connector
1433101 PHOENIX-1433101 Datasheet
513Kb / 13P
SPC 4/ 5-STL3-SH-6,35 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com