Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1368024 Datasheet (PDF) - PHOENIX CONTACT

1368024 Datasheet PDF - PHOENIX CONTACT
Part # 1368024
Download  1368024 Download
File Size   295.22 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTV 6-FE - Feed-through terminal block

1368024 Datasheet (PDF)

Go To PDF Page Download Datasheet
1368024 Datasheet PDF - PHOENIX CONTACT

Part # 1368024
Download  1368024 Click to download

File Size   295.22 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTV 6-FE - Feed-through terminal block

1368024 Datasheet (HTML) - PHOENIX CONTACT


1368024 Product details

Feed-through terminal block, nom. voltage: 1000 V, nominal current: 41 A, number of
connections: 2, number of positions: 1, connection method: Push-in connection, Rated cross
section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: NS 35/7,5, NS 35/15, color:
black/yellow




Similar Part No. - 1368024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
13680 ETC1-13680 Datasheet
219Kb / 5P
Normal Wall Flame Retardant Heat Shrink Tubing
logo
Multicomp Pro
13680 MULTICOMP-13680 Datasheet
231Kb / 3P
Normal Wall, Flexible Halogen-Free Polyolefin Heat Shrink Tubing
23/06/22 V1.0
logo
Pro-Power
13680 PROPOWER-13680 Datasheet
311Kb / 5P
2:1 Normal Wall Heatshrink Tubing
V1.1 09/03/20
logo
PHOENIX CONTACT
1368034 PHOENIX-1368034 Datasheet
531Kb / 12P
SPC 4/ 5-STL4-6,35 - PCB connector
logo
Weidmuller
1368040000 WEIDMULLER-1368040000 Datasheet
349Kb / 7P
BLZP 5.08HC/12/90 SN OR BX PRT
More results


Similar Description - 1368024

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1116734 PHOENIX-1116734 Datasheet
780Kb / 28P
Feed-through terminal block - PTV 6
1116735 PHOENIX-1116735 Datasheet
808Kb / 28P
Feed-through terminal block - PTV 6 BU
1116737 PHOENIX-1116737 Datasheet
839Kb / 29P
Feed-through terminal block - PTV 6-TWIN
1116871 PHOENIX-1116871 Datasheet
935Kb / 29P
Feed-through terminal block - PTV 6-QUATTRO
1291904 PHOENIX-1291904 Datasheet
770Kb / 27P
Feed-through terminal block - PTV 6 RD
1291906 PHOENIX-1291906 Datasheet
613Kb / 27P
Feed-through terminal block - PTV 6 BK
1291913 PHOENIX-1291913 Datasheet
809Kb / 27P
Feed-through terminal block - PTV 6 GN
1291919 PHOENIX-1291919 Datasheet
867Kb / 28P
Feed-through terminal block - PTV 6-TWIN GN
1291922 PHOENIX-1291922 Datasheet
820Kb / 28P
Feed-through terminal block - PTV 6-TWIN OG
1292080 PHOENIX-1292080 Datasheet
768Kb / 27P
Feed-through terminal block - PTV 6 OG
10/14/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com