Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1368024 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1368024
Description  PTV 6-FE - Feed-through terminal block
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1368024 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1368024 Datasheet HTML 1Page - PHOENIX CONTACT 1368024 Datasheet HTML 2Page - PHOENIX CONTACT 1368024 Datasheet HTML 3Page - PHOENIX CONTACT 1368024 Datasheet HTML 4Page - PHOENIX CONTACT 1368024 Datasheet HTML 5Page - PHOENIX CONTACT 1368024 Datasheet HTML 6Page - PHOENIX CONTACT 1368024 Datasheet HTML 7Page - PHOENIX CONTACT 1368024 Datasheet HTML 8Page - PHOENIX CONTACT 1368024 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Feed-through terminal block, nom. voltage: 1000 V, nominal current: 41 A, number of
connections: 2, number of positions: 1, connection method: Push-in connection, Rated cross
section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: NS 35/7,5, NS 35/15, color:
black/yellow
Your advantages
Time-saving conductor connection thanks to tool-free direct-connection technology
•
Convenient plugging with lower insertion force
•
High conductor pull-out forces due to the spring design
•
Vibration-resistant and maintenance-free conductor connection
•
Full flexibility thanks to the standardized CLIPLINE complete bridging, marking, and testing accessories
•
Optimized for manual and automated wiring
•
Commercial data
Item number
1368024
Packing unit
50 pc
Minimum order quantity
50 pc
Sales key
BE23
Product key
BE2311
GTIN
4063151722821
Weight per piece (including packing)
14.404 g
Weight per piece (excluding packing)
13.204 g
Customs tariff number
85369010
Country of origin
CN
PTV 6-FE - Feed-through terminal block
1368024
https://www.phoenixcontact.com/us/products/1368024
Dec 2, 2025, 1:12AM
Page 1 (11)


Similar Part No. - 1368024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
13680 ETC1-13680 Datasheet
219Kb / 5P
Normal Wall Flame Retardant Heat Shrink Tubing
logo
Multicomp Pro
13680 MULTICOMP-13680 Datasheet
231Kb / 3P
Normal Wall, Flexible Halogen-Free Polyolefin Heat Shrink Tubing
23/06/22 V1.0
logo
Pro-Power
13680 PROPOWER-13680 Datasheet
311Kb / 5P
2:1 Normal Wall Heatshrink Tubing
V1.1 09/03/20
logo
PHOENIX CONTACT
1368034 PHOENIX-1368034 Datasheet
531Kb / 12P
SPC 4/ 5-STL4-6,35 - PCB connector
logo
Weidmuller
1368040000 WEIDMULLER-1368040000 Datasheet
349Kb / 7P
BLZP 5.08HC/12/90 SN OR BX PRT
More results

Similar Description - 1368024

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1116734 PHOENIX-1116734 Datasheet
780Kb / 28P
Feed-through terminal block - PTV 6
1116735 PHOENIX-1116735 Datasheet
808Kb / 28P
Feed-through terminal block - PTV 6 BU
1116737 PHOENIX-1116737 Datasheet
839Kb / 29P
Feed-through terminal block - PTV 6-TWIN
1116871 PHOENIX-1116871 Datasheet
935Kb / 29P
Feed-through terminal block - PTV 6-QUATTRO
1291904 PHOENIX-1291904 Datasheet
770Kb / 27P
Feed-through terminal block - PTV 6 RD
1291906 PHOENIX-1291906 Datasheet
613Kb / 27P
Feed-through terminal block - PTV 6 BK
1291913 PHOENIX-1291913 Datasheet
809Kb / 27P
Feed-through terminal block - PTV 6 GN
1291919 PHOENIX-1291919 Datasheet
867Kb / 28P
Feed-through terminal block - PTV 6-TWIN GN
1291922 PHOENIX-1291922 Datasheet
820Kb / 28P
Feed-through terminal block - PTV 6-TWIN OG
1292080 PHOENIX-1292080 Datasheet
768Kb / 27P
Feed-through terminal block - PTV 6 OG
10/14/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com