Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1368024 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1368024
Description  PTV 6-FE - Feed-through terminal block
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1368024 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1368024 Datasheet HTML 1Page - PHOENIX CONTACT 1368024 Datasheet HTML 2Page - PHOENIX CONTACT 1368024 Datasheet HTML 3Page - PHOENIX CONTACT 1368024 Datasheet HTML 4Page - PHOENIX CONTACT 1368024 Datasheet HTML 5Page - PHOENIX CONTACT 1368024 Datasheet HTML 6Page - PHOENIX CONTACT 1368024 Datasheet HTML 7Page - PHOENIX CONTACT 1368024 Datasheet HTML 8Page - PHOENIX CONTACT 1368024 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Technical data
Product properties
Product type
Feed-through terminal block
Product family
PTV
Railway industry
Machine building
Plant engineering
Area of application
Process industry
Number of positions
1
Number of connections
2
Number of rows
1
Insulation characteristics
Overvoltage category
III
Degree of pollution
3
Electrical properties
Rated surge voltage
8 kV
Maximum power dissipation for nominal condition
1.31 W
Connection data
Number of connections per level
2
Nominal cross section
6 mm²
Connection method
Push-in connection
Stripping length
10 mm ... 12 mm
Internal cylindrical gage
A5
Connection in acc. with standard
IEC 60947-7-1
Conductor cross-section rigid
0.5 mm² ... 10 mm²
Cross section AWG
20 ... 8 (converted acc. to IEC)
Conductor cross-section flexible
0.5 mm² ... 10 mm²
Conductor cross-section, flexible [AWG]
20 ... 8 (converted acc. to IEC)
Conductor cross-section flexible (ferrule without plastic sleeve)
0.5 mm² ... 6 mm²
Flexible conductor cross-section (ferrule with plastic sleeve)
0.5 mm² ... 6 mm²
Conductor cross-section flexible (2 conductors with the same
cross-section, with TWIN ferrule and plastic sleeve)
0.5 mm² ... 4 mm²
Nominal current
41 A
Maximum load current
52 A (with 10 mm² conductor cross-section, rigid)
Nominal voltage
1000 V
Nominal cross section
6 mm²
Connection cross sections directly pluggable
Conductor cross-section rigid
1.5 mm² ... 10 mm²
Conductor cross-section, rigid [AWG]
16 ... 8 (converted acc. to IEC)
Conductor cross-section flexible (ferrule without plastic sleeve)
4 mm² ... 6 mm²
PTV 6-FE - Feed-through terminal block
1368024
https://www.phoenixcontact.com/us/products/1368024
Dec 2, 2025, 1:12AM
Page 2 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com