Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3L4892RHHR Datasheet (PDF) - Texas Instruments

TS3L4892RHHR Datasheet PDF - Texas Instruments
Part # TS3L4892RHHR
Download  TS3L4892RHHR Download
File Size   919.63 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH

TS3L4892RHHR Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3L4892RHHR Datasheet PDF - Texas Instruments

Part # TS3L4892RHHR
Download  TS3L4892RHHR Click to download

File Size   919.63 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH

TS3L4892RHHR Datasheet (HTML) - Texas Instruments


TS3L4892RHHR Product details

1FEATURES
· Wide Bandwidth (BW = 1100 MHz Typ)
· Low Crosstalk (XTALK = –37 dB Typ)
· Low Bit-to-Bit Skew (tsk(o) = 100 ps Max)
· Low and Flat ON-State Resistance
(rON = 4 Ω Typ, rON(flat) = 0.5 Ω Typ)
· Low Input/Output Capacitance
(CON = 8 pF Typ)
· Rail-to-Rail Switching on Data I/O Ports
(0 to 5 V)
· VCC Operating Range From 3 V to 3.6 V
· Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
· ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)

APPLICATIONS
· 10/100/1000 Base-T Signal Switching
· Differential (LVDS, LVPECL) Signal Switching
· Audio/Video Switching
· Hub and Router Signal Switching

DESCRIPTION/ORDERING INFORMATION
The TS3L4892 is a 16-bit to 8-bit multiplexer/demultiplexer LAN switch with a single select (SEL) input. SEL
controls the data path of the multiplexer/demultiplexer. The device provides additional I/Os for switching status
indicating LED signals.
The device provides a low and flat ON-state resistance (rON) and an excellent ON-state resistance match. Low
input/output capacitance, high bandwidth, low skew, and low crosstalk among channels make this device suitable
for various LAN applications, such as 10/100/1000 Base-T.
This device can be used to replace mechanical relays in LAN applications. It also can be used to route signals
from a 10/100 Base-T ethernet transceiver to the RJ-45 LAN connectors in laptops or in docking stations.




Similar Part No. - TS3L4892RHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L4892RHHR TI-TS3L4892RHHR Datasheet
630Kb / 18P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
More results


Similar Description - TS3L4892RHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L301 TI-TS3L301 Datasheet
252Kb / 16P
16 BIT TO 8 BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON STATE RESISTANCE
logo
STMicroelectronics
STMUX1000L STMICROELECTRONICS-STMUX1000L Datasheet
503Kb / 9P
GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
03-May-2005
logo
Texas Instruments
TS3L500 TI-TS3L500 Datasheet
330Kb / 15P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500AE TI-TS3L500AE Datasheet
579Kb / 19P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE_08 Datasheet
476Kb / 17P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L301 TI-TS3L301_07 Datasheet
350Kb / 17P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3L4892 TI-TS3L4892 Datasheet
630Kb / 18P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500AE TI-TS3L500AE_10 Datasheet
458Kb / 17P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500 TI-TS3L500_10 Datasheet
663Kb / 19P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
logo
STMicroelectronics
STMUX1800E STMICROELECTRONICS-STMUX1800E Datasheet
322Kb / 26P
16-bit to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
09-Nov-2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com