Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB3031 Datasheet (PDF) - Texas Instruments

TS3USB3031 Datasheet PDF - Texas Instruments
Part # TS3USB3031
Download  TS3USB3031 Download
File Size   1634.59 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TS3USB3031 2-Channel, 1:3, USB 2.0 High-Speed (480Mbps) and Mobile High- Definition Link (MHL) or Mobility Display Port (MyDP) Switch

TS3USB3031 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3USB3031 Datasheet PDF - Texas Instruments

Part # TS3USB3031
Download  TS3USB3031 Click to download

File Size   1634.59 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TS3USB3031 2-Channel, 1:3, USB 2.0 High-Speed (480Mbps) and Mobile High- Definition Link (MHL) or Mobility Display Port (MyDP) Switch

TS3USB3031 Datasheet (HTML) - Texas Instruments


TS3USB3031 Product details

1 Features
• VCC range: 2.5V to 4.3V
• Mobile high-definition link (MHL) or mobility display
port (MyDP) switch:
– Bandwidth (–3dB): 6.5GHz
– RON (typical): 5.5Ω
– CON (typical): 1.3pF
• USB switches (2 sets):
– Bandwidth (–3dB): 6.5GHz
– RON (typical): 4.5Ω
– CON (typical): 1pF
• Current consumption: 28μA (typical)
• Special features:
– IOFF protection prevents current leakage in
powered-down state (VCC = 0V)
– 1.8V compatible control inputs (SEL)
– Overvoltage tolerance (OVT) on all I/O pins up
to 5.5V without external components
• ESD performance:
– 2kV human-body model (A114B, class II)
– 1kV charged-device model (C101)
• Package:
– 12-pin VQFN package (1.8mm × 1.8mm,
0.4mm pitch)

2 Applications
• Smart phones
• Tablets
• Mobile phones
• Portable instrumentation
• Digital cameras USB 2.0 MHL

3 Description
The TS3USB3031 device is a 2-channel, 1:3
multiplexer that includes a high-speed Mobile High-
Definition Link (MHL), Mobility Display Port (MyDP)
switch, and USB 2.0 High-Speed (480Mbps) switches
in the same package. These configurations allow the
system designer to save board space and eliminate
multiple connectors buy using a common USB or
Mico-USB connector for MHL/MyDP signals and two
sets of USB data. The MHL/MyDP path supports the
latest MHL Rev. 3.0 specification.
The TS3USB3031 has a VCC range of 2.5V to 4.3V
and supports overvoltage tolerance (OVT) feature,
which allows the I/O pins to withstand overvoltage
conditions (up to 5.5V). The power-off protection
feature forces all I/O pins to be in high impedance
mode when power is not present, allowing full
isolation of the signals lines under such condition
without excessive leakage current. The select pins
of TS3USB3031 are compatible with 1.8V control
voltage, allowing them to be directly interfaced with
the General Purpose I/O (GPIO) from a mobile
processor with out needing additional voltage level
shifting circuitry.
The TS3USB3031 is available in a small 1.8mm ×
1.8mm 12-pin VQFN package designed for mobile
applications.




Similar Part No. - TS3USB3031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB3031 TI1-TS3USB3031 Datasheet
699Kb / 19P
DUAL USB 2.0 HIGH-SPEED (480Mbps) AND MOBILE HIGH-DEFINITION LINK (MHL)
TS3USB3031RMGR TI1-TS3USB3031RMGR Datasheet
699Kb / 19P
DUAL USB 2.0 HIGH-SPEED (480Mbps) AND MOBILE HIGH-DEFINITION LINK (MHL)
More results


Similar Description - TS3USB3031

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
Silicon image
SII9222 SILICONIMAGE-SII9222 Datasheet
136Kb / 2P
Mobile High-Definition Link (MHL) Technology Transmitter
logo
Texas Instruments
TS3USB3200 TI1-TS3USB3200 Datasheet
2Mb / 21P
DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch with ID Select and Flexible Power Control
logo
Fairchild Semiconductor
FSA3031 FAIRCHILD-FSA3031 Datasheet
1Mb / 3P
Dual High-Speed USB2.0 with Mobile High-Definition Link (MHL??
FSA3200 FAIRCHILD-FSA3200 Datasheet
780Kb / 13P
Two-Port, High-Speed USB2.0 Switch with Mobile High-Definition Link (MHL??
FSA3230 FAIRCHILD-FSA3230 Datasheet
445Kb / 3P
High-Speed USB2.0 / Mobile High- Definition Link (MHL?? with Negative Swing Audio
logo
Texas Instruments
TS3USB3000 TI-TS3USB3000 Datasheet
1Mb / 22P
DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
TS3USB3031 TI1-TS3USB3031 Datasheet
699Kb / 19P
DUAL USB 2.0 HIGH-SPEED (480Mbps) AND MOBILE HIGH-DEFINITION LINK (MHL)
TS3USB3000 TI1-TS3USB3000_15 Datasheet
1Mb / 26P
DPDT USB 2.0 High-Speed and Mobile High-Definition Link Switch
logo
Will Semiconductor Ltd.
WAS4731Q WILLSEMI-WAS4731Q Datasheet
497Kb / 9P
3:1 High speed (-3dB bandwidth 1.8GHz) Switch with Mobile High-Definition Link (MHL)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com