Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB3031 Datasheet(PDF) 8 Page - Texas Instruments

Part # TS3USB3031
Description  TS3USB3031 2-Channel, 1:3, USB 2.0 High-Speed (480Mbps) and Mobile High- Definition Link (MHL) or Mobility Display Port (MyDP) Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB3031 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TS3USB3031 Datasheet HTML 4Page - Texas Instruments TS3USB3031 Datasheet HTML 5Page - Texas Instruments TS3USB3031 Datasheet HTML 6Page - Texas Instruments TS3USB3031 Datasheet HTML 7Page - Texas Instruments TS3USB3031 Datasheet HTML 8Page - Texas Instruments TS3USB3031 Datasheet HTML 9Page - Texas Instruments TS3USB3031 Datasheet HTML 10Page - Texas Instruments TS3USB3031 Datasheet HTML 11Page - Texas Instruments TS3USB3031 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Parameter Measurement Information
+
+
GND
TS3USB3031
V
OUT1
V
OUT2
SEL
V
SEL
I
ON
V
ON
Channel ON
R
= (V
– V
) / I
or (V
– V
) / I
VSEL = H or L
ON
ON
I/O1
ON
ON
I/O2
ON
V
CC
Copyright © 2016, Texas Instruments Incorporated
Figure 6-1. ON-State Resistance (RON)
+
+
GND
TS3USB3031
V
OUT1
V
OUT2
SEL
V
SEL
I
ON
V
ON
Channel OFF
VSEL = H or L
A
+
V
IN
V
CC
Copyright © 2016, Texas Instruments Incorporated
Figure 6-2. OFF Leakage Current (IOZ)
V
OUT+
GND
Network Analyzer
V
S
V
S
R
S
R
S
R
T
R
T
V
OUT-
R
T
R
T
TS3USB3031
+
V
SEL
SEL
Channel OFF
V
= H or L
R = R = 50
V = –10dBm (200mV at 50
Load)
V
= 2.4V for O
V
= 0.2V for O
SEL
S
T
S
DC_BIAS
ISO(MHL)
DC_BIAS
ISO(USB)
Ω
Ω
V
CC
Copyright © 2016, Texas Instruments Incorporated
Figure 6-3. Differential Off-Isolation (OISO)
TS3USB3031
SCDS348D – SEPTEMBER 2013 – REVISED AUGUST 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TS3USB3031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com