Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB3031 Datasheet(PDF) 12 Page - Texas Instruments

Part # TS3USB3031
Description  TS3USB3031 2-Channel, 1:3, USB 2.0 High-Speed (480Mbps) and Mobile High- Definition Link (MHL) or Mobility Display Port (MyDP) Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB3031 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TS3USB3031 Datasheet HTML 8Page - Texas Instruments TS3USB3031 Datasheet HTML 9Page - Texas Instruments TS3USB3031 Datasheet HTML 10Page - Texas Instruments TS3USB3031 Datasheet HTML 11Page - Texas Instruments TS3USB3031 Datasheet HTML 12Page - Texas Instruments TS3USB3031 Datasheet HTML 13Page - Texas Instruments TS3USB3031 Datasheet HTML 14Page - Texas Instruments TS3USB3031 Datasheet HTML 15Page - Texas Instruments TS3USB3031 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
7.2.1 Design Requirements
Design requirements of the MHL and USB 1.0,1.1, and 2.0 standards must be followed.
The TS3USB3031 has internal 6-MΩ pulldown resistors on SEL0 and SEL1 so no external resistors are required
on the logic pins. The pulldown on SEL0 and SEL1 ensure the USB1 channel is selected by default.
The TS5A3157 is a separate SPDT switch that is used to switch between the CBUS of the MHL and the USB ID
line that is required for USB OTG (USB On-The-Go) application.
7.2.2 Detailed Design Procedure
The TS3USB3031 can be properly operated without any external components. However, TI recommends that
unused signal I/O pins must be connected to ground through a 50-Ω resistor to prevent signal reflections back
into the device.
7.2.3 Application Curves
7.2.3.1 MHL Eye Pattern
Figure 7-2. Eye Pattern Error Histogram: 2.25 Gbps
With No Device
Figure 7-3. Time Interval Error Histogram: 2.25
Gbps With No Device
Figure 7-4. Eye Pattern Error Histogram: 2.25 Gbps
With TS3USB3031 (Added Jitter = 5.04 ps)
Figure 7-5. Time Interval Error Histogram: 2.25
Gbps With TS3USB3031 (Added Jitter = 5.04 ps)
TS3USB3031
SCDS348D – SEPTEMBER 2013 – REVISED AUGUST 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TS3USB3031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com