Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4052 Datasheet (PDF) - STMicroelectronics

HCF4052 Datasheet PDF - STMicroelectronics
Part # HCF4052
Download  HCF4052 Download
File Size   366.4 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ANALOG MULTIPLEXERS-DEMULTIPLEXERS

HCF4052 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4052 Datasheet PDF - STMicroelectronics

Part # HCF4052
Download  HCF4052 Click to download

File Size   366.4 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ANALOG MULTIPLEXERS-DEMULTIPLEXERS

HCF4052 Datasheet (HTML) - STMicroelectronics


HCF4052 Product details

ANALOG MULTIPLEXERS-DEMULTIPLEXERS

4051B - SINGLE 8-CHANNEL

4052B - DIFFERENTIAL 4-CHANNEL

4053B - TRIPLE 2-CHANNEL



DESCRIPTION

TheHCC 4051B, 4052Band4053B(extended temperature range) and HCF4051B, 4052B and 4053B

(intermediate temperature range) are monolithic in tegrated circuits, available in 16-lead dual in-line plastic or ceramic package and plastic micropack age. HCC/HCF4051B, HCC/HCF4052B, and

HCC/HCF4053B analog multiplexers/demultiplexers are digitally controlled analog switches hav

ing low ON impedance and very low OFF leakage current.



.QUIESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE

.LOW ”ON” RESISTANCE : 125Ω(typ.) OVER 15V p.p. SIGNAL-INPUT RANGE FOR VDD-VEE= 15V

.HIGH ”OFF” RESISTANCE : CHANNEL LEAKAGE ±100pA (typ.) VDD–VEE= 18V

.BINARY ADDRESS DECODING ON CHIP

.VERY LOW QUIESCENT POWER DISSIPATION UNDER ALL DIGITAL CONTROL INPUT AND SUPPLY CONDITIONS : 0.2µW (typ.), VDD–VSS=VDD–VEE= 10V

.MATCHED SWITCH CHARACTERISTICS : RON=5Ω(typ.) for VDD–VEE= 15V

.WIDE RANGE OF DIGITAL AND ANALOG SIG NAL LEVELS : DIGITAL 3 TO 20V, ANALOG TO 20V p.p.

.5V, 10V, AND 15V PARAMETRIC RATINGS

.INPUT CURRENT OF 100mA AT 18V AND 25°C FOR HCC DEVICE

.100% TESTED FOR QUIESCENT CURRENT

.MEETS ALL REQUIREMENTS OF JEDECTENTATIVE STANDARD No 13A, ”STANDARD

SPECIFICATIONS FOR DESCRIPTION OF ”B” SERIES CMOS DEVICES”




Similar Part No. - HCF4052

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4052B STMICROELECTRONICS-HCF4052B Datasheet
642Kb / 11P
DIFFERENT 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
October 2002
HCF4052BEY STMICROELECTRONICS-HCF4052BEY Datasheet
642Kb / 11P
DIFFERENT 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
October 2002
HCF4052BM1 STMICROELECTRONICS-HCF4052BM1 Datasheet
642Kb / 11P
DIFFERENT 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
October 2002
HCF4052M013TR STMICROELECTRONICS-HCF4052M013TR Datasheet
642Kb / 11P
DIFFERENT 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
October 2002
More results


Similar Description - HCF4052

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com