Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4052 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4052
Description  ANALOG MULTIPLEXERS-DEMULTIPLEXERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4052 Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4052 Datasheet HTML 1Page - STMicroelectronics HCF4052 Datasheet HTML 2Page - STMicroelectronics HCF4052 Datasheet HTML 3Page - STMicroelectronics HCF4052 Datasheet HTML 4Page - STMicroelectronics HCF4052 Datasheet HTML 5Page - STMicroelectronics HCF4052 Datasheet HTML 6Page - STMicroelectronics HCF4052 Datasheet HTML 7Page - STMicroelectronics HCF4052 Datasheet HTML 8Page - STMicroelectronics HCF4052 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
FUNCTIONAL DIAGRAMS AND TRUTH TABLES
current. These multiplexer circuits dissipate ex-
tremely low quiescent power over the full VDD –VSS
and VDD –VEE supply-voltage ranges, independent
of the logic state of the control signals. When a-logic
”1” is present at the inhibit input terminal all channel
are off. The HCC/HCF4051B is a single 8-channel
multiplexer having three binary control inputs, A, B,
and C, and an inhibit input. The three binary signals
select 1 of 8 channels to be turned on, and connect
one
of
the
8
inputs
to
the
output.
The
HCC/HCF4052B is a differential 4-channel multi-
plexer having two binary control inputs, A and B, and
an inhibit input. The two binary input signals select
1 of 4 pairs of channels to be turned on and connect
the
analog
inputs
to
the
outputs.
The
HCC/HCF4053B is a triple 2-channel multiplexer
having three separate digital control inputs, A, B,
and C, and an inhibit input. Each control input se-
lects one of a pair of channels which are connected
in a singlepole double-throw configuration.
Input States
Inhibit
C
B
A
”On” Channel (S)
00
0
0
0
00
0
1
1
00
1
0
2
00
1
1
3
01
0
0
4
01
0
1
5
01
1
0
6
01
1
1
7
1
X
X
X
None
4052B
Inhibit
B
A
0
0
0
0x, 0y
0
0
1
1x, 1y
0
1
0
2x, 2y
0
1
1
3x, 3y
1
X
X
None
4051B
HCC/HCF4051B/52B/53B
2/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com