Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM217M Datasheet (PDF) - STMicroelectronics

LM217M Datasheet PDF - STMicroelectronics
Part # LM217M_V01
Download  LM217M Download
File Size   1214.04 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Medium current 1.2 to 37 V adjustable voltage regulator

LM217M Datasheet (PDF)

Go To PDF Page Download Datasheet
LM217M Datasheet PDF - STMicroelectronics

Part # LM217M_V01
Download  LM217M Click to download

File Size   1214.04 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Medium current 1.2 to 37 V adjustable voltage regulator

LM217M Datasheet (HTML) - STMicroelectronics


LM217M Product details

Features
• Output voltage range: 1.2 to 37 V
• Output current in excess of 500 mA
• Line regulation typ. 0.01%
• Load regulation typ. 0.1%
• Thermal overload protection
• Short-circuit protection
• Output transition safe area compensation
• Floating operation for high voltage applications

Description
The LM217M and LM317M are monolithic integrated circuits in DPAK and SOT223 packages used as positive adjustable voltage regulators. They are designed to supply until 500 mA of load current with an output voltage adjustable over a 1.2 to 37 V range. The nominal output voltage is selected by one resistive divider only, making the device exceptionally easy to configure and avoiding the use of several fixed regulators.




Similar Part No. - LM217M_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM217MDT STMICROELECTRONICS-LM217MDT Datasheet
115Kb / 11P
MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
Sep-1997
logo
Guangdong Youtai Semico...
LM217MDT UMW-LM217MDT Datasheet
679Kb / 6P
This monolithic integrated circuit is an adjustable 3-terminal
logo
STMicroelectronics
LM217MDT-TR STMICROELECTRONICS-LM217MDT-TR Datasheet
766Kb / 21P
Medium current 1.2 to 37 V adjustable voltage regulator
11-Feb-2008
LM217MS STMICROELECTRONICS-LM217MS Datasheet
115Kb / 11P
MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
Sep-1997
LM217MT STMICROELECTRONICS-LM217MT Datasheet
115Kb / 11P
MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
Sep-1997
More results


Similar Description - LM217M_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM217M STMICROELECTRONICS-LM217M Datasheet
115Kb / 11P
MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
Sep-1997
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
LM217L STMICROELECTRONICS-LM217L_05 Datasheet
536Kb / 13P
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
23-Dec-2005
LM117 STMICROELECTRONICS-LM117_08 Datasheet
1,023Kb / 25P
1.2 V to 37 V adjustable voltage regulators
06-Feb-2008
LM117 STMICROELECTRONICS-LM117_10 Datasheet
1Mb / 25P
1.2 V to 37 V adjustable voltage regulators
02-Mar-2010
LM217M STMICROELECTRONICS-LM217M_08 Datasheet
766Kb / 21P
Medium current 1.2 to 37 V adjustable voltage regulator
11-Feb-2008
LM317T-DG STMICROELECTRONICS-LM317T-DG Datasheet
1Mb / 25P
1.2 V to 37 V adjustable voltage regulators
13-Feb-2012
LM317K STMICROELECTRONICS-LM317K Datasheet
1Mb / 25P
1.2 V to 37 V adjustable voltage regulators
13-Feb-2012
LM217LZ-TR STMICROELECTRONICS-LM217LZ-TR Datasheet
683Kb / 23P
Low current 1.2 to 37 V adjustable voltage regulators
20-May-2014
LM217 STMICROELECTRONICS-LM217 Datasheet
1Mb / 34P
1.2 V to 37 V adjustable voltage regulators
23-Dec-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com