Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM217M Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM217M
Description  Medium current 1.2 to 37 V adjustable voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217M Datasheet(HTML) 5 Page - STMicroelectronics

  LM217M_V01 Datasheet HTML 1Page - STMicroelectronics LM217M_V01 Datasheet HTML 2Page - STMicroelectronics LM217M_V01 Datasheet HTML 3Page - STMicroelectronics LM217M_V01 Datasheet HTML 4Page - STMicroelectronics LM217M_V01 Datasheet HTML 5Page - STMicroelectronics LM217M_V01 Datasheet HTML 6Page - STMicroelectronics LM217M_V01 Datasheet HTML 7Page - STMicroelectronics LM217M_V01 Datasheet HTML 8Page - STMicroelectronics LM217M_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
4
Electrical characteristics
Table 3. LM217M electrical characteristics (refer to the test circuits, TJ = - 40 to 125 °C, VI - VO = 5 V,
IO = 100 mA, PD ≤ 7.5 Ω, unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ΔVO
Line regulation
VI - VO = 3 to 40 V
TJ = 25 °C
0.01
0.02
%/V
0.02
0.05
ΔVO
Load regulation
VO ≤ 5 V
IO = 10 to 500 mA
TJ = 25 °C
5
15
mV
20
50
VO ≥ 5 V
IO = 10 to 500 mA
TJ = 25 °C
0.1
0.3
%/VO
0.3
1
IADJ
Adjustment pin current
50
100
µA
ΔIADJ
Adjustment pin current
VI - VO = 3 to 40 V, IO = 10 to 500 mA
0.2
5
µA
VREF
Reference voltage
VI - VO = 3 to 40 V, IO = 10 to 500 mA
1.2
1.25
1.3
V
ΔVO/VO Output voltage temperature stability
0.7
%
IO(min)
Minimum load current
VI - VO = 40 V
3.5
5
mA
IO(max)
Maximum output current
VI - VO ≤ 15 V
500
1000
mA
VI - VO = 40 V, Pd < PDMAX,
TJ = 25 °C
200
eN
Output noise voltage (percentage of VO)
B = 10 Hz to 100 kHz, TJ = 25 °C
0.003
%
SVR
Supply voltage rejection (1)
TJ = 25 °C
f = 120 Hz
CADJ = 0
65
dB
CADJ = 10 µF
66
80
1. CADJ is connected between the adjustment pin and ground.
LM217M, LM317M
Electrical characteristics
DS0522 - Rev 12
page 5/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com