Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM217M Datasheet(PDF) 24 Page - STMicroelectronics

Part # LM217M
Description  Medium current 1.2 to 37 V adjustable voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217M Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LM217M_V01 Datasheet HTML 20Page - STMicroelectronics LM217M_V01 Datasheet HTML 21Page - STMicroelectronics LM217M_V01 Datasheet HTML 22Page - STMicroelectronics LM217M_V01 Datasheet HTML 23Page - STMicroelectronics LM217M_V01 Datasheet HTML 24Page - STMicroelectronics LM217M_V01 Datasheet HTML 25Page - STMicroelectronics LM217M_V01 Datasheet HTML 26Page - STMicroelectronics LM217M_V01 Datasheet HTML 27Page - STMicroelectronics LM217M_V01 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Revision history
Table 13. Document revision history
Date
Revision
Changes
21-Jun-2004
5
The document has been reformatted.
06-Dec-2006
6
DPAK mechanical data updated, added footprint data.
11-Feb-2008
7
Added: Table 1 on page 1.
07-Jul-2014
8
Updated Table 1: Device summary.
Updated Section 8.1: TO-220 and Section 8.2: DPAK.
Updated Figure 3, Figure 6, Figure 8, Figure 9, Figure 10, Figure 11, Figure
12.
Minor text changes.
16- Oct-2015
9
Removed TO-220 package.
Updated description in cover page, Table 1: "Device summary",
Figure 2: "Pin connections (top view)", Table 3: "Thermal data" and
Section 8: "Package information".
Minor text changes.
19-Jun-2019
10
Updated Section 9.1 DPAK (TO-252) package information.
26-Nov-2019
11
Updated Section 9.1 DPAK (TO-252) package information.
23-Nov-2021
12
Added new package SOT223 on the cover page, Section 9.3 SOT223
package information and Section 9.4 SOT223 packing information
Updated Table 5. Device summary.
LM217M, LM317M
DS0522 - Rev 12
page 24/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com