Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ8633BGLE Datasheet (PDF) - Monolithic Power Systems

MPQ8633BGLE Datasheet PDF - Monolithic Power Systems
Part # MPQ8633BGLE
Download  MPQ8633BGLE Download
File Size   1369.31 Kbytes
Page   21 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking

MPQ8633BGLE Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ8633BGLE Datasheet PDF - Monolithic Power Systems

Part # MPQ8633BGLE
Download  MPQ8633BGLE Click to download

File Size   1369.31 Kbytes
Page   21 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking

MPQ8633BGLE Datasheet (HTML) - Monolithic Power Systems


MPQ8633BGLE Product details

DESCRIPTION
The MPQ8633B is a fully integrated, highfrequency, synchronous, buck converter. It offers a very compact solution that achieves up to 20A of output current with excellent load and line regulation over a wide input supply range. The MPQ8633B operates at high efficiency over a wide output current load range.
The MPQ8633B adopts an internally compensated constant-on-time (COT) control mode that provides fast transient response and eases loop stabilization.
The operating frequency can be set to 600kHz, 800kHz, or 1000kHz easily with MODE configuration, allowing the MPQ8633B frequency to remain constant regardless of the input and output voltages.
The output voltage start-up ramp is controlled by an internal 1ms timer. It can be increased by adding a capacitor on TRK/REF. An open-drain power good (PGOOD) signal indicates if the output is within its nominal voltage range. PGOOD is clamped at around 0.7V with an external pull-up voltage when the input supply fails to power the MPQ8633B.
Full protection features include over-current protection (OCP), over-voltage protection (OVP), under-voltage protection (UVP), and over-temperature protection (OTP).
The MPQ8633B requires a minimal number of readily available, standard, external components and is available in a QFN-21 (3mmx4mm) package.

FEATURES
• Wide Input Voltage Range
o 2.7V to 16V with External 3.3V VCC Bias
o 4V to 16V with Internal Bias or External 3.3V VCC Bias
• Differential Output Voltage Remote Sense
• Programmable Accurate Current Limit Level
• 20A Output Current
• Low RDS(ON) Integrated Power MOSFETs
• Proprietary Switching Loss Reduction Technique
• Adaptive COT for Ultrafast Transient Response
• Stable with Zero ESR Output Capacitor
• 0.5% Reference Voltage over 0°C to +70°C Junction Temperature Range
• 1% Reference Voltage from -40°C to +125°C Junction Temperature Range
• Selectable Pulse Skip or Forced CCM Operation
• Excellent Load Regulation
• Output Voltage Tracking
• Output Voltage Discharge
• PGOOD Active Clamped at Low Level during Power Failure
• Programmable Soft-Start Time from 1ms
• Pre-Bias Start-Up
• Selectable Switching Frequency from 600kHz, 800kHz, and 1000kHz
• Non-Latch OCP, UVP, UVLO, Thermal Shutdown, and Latch-Off for OVP
• Output Adjustable from 0.6V to 90%*VIN, up to 5.5V Max
• Available in a QFN-21 (3mmx4mm) Package

APPLICATIONS
• Telecom and Networking Systems
• Servers, Cloud-Computing, Storage
• Base Stations
• General Purpose Point-of-Load (PoL)
• 12V Distribution Power Systems
• High-end TV
• Game Consoles and Graphic Cards




Similar Part No. - MPQ8633BGLE

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8633BGLE MPS-MPQ8633BGLE Datasheet
1Mb / 21P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
More results


Similar Description - MPQ8633BGLE

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
2A Synchronous Step-Down Converter with Programmable Input Current Limit
MPQ8633A MPS-MPQ8633A Datasheet
1Mb / 23P
16 V, 12 A, Synchronous Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MPQ8633B MPS-MPQ8633B Datasheet
1Mb / 21P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
MPQ8623 MPS-MPQ8623 Datasheet
1Mb / 20P
16V, 6A, High Efficiency, Synchronous, Step-Down Converter with Adjustable Current Limit
MPQ8634A MPS-MPQ8634A Datasheet
1Mb / 20P
16V, 12A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MPQ8634B MPS-MPQ8634B Datasheet
1Mb / 20P
16V, 20A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MPQ8626 MPS-MPQ8626 Datasheet
1Mb / 23P
16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
Rev. 1.1 8/16/2022
logo
MPS Industries, Inc.
MP8792 MPSIND-MP8792 Datasheet
1Mb / 20P
16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
MP8794 MPSIND-MP8794 Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com