Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1117 Datasheet (PDF) - Texas Instruments

LM1117 Datasheet PDF - Texas Instruments
Part # LM1117
Download  LM1117 Download
File Size   2627.47 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM1117-Q1 18V, 1A, Automotive, Fixed-Output Linear Voltage Regulator

LM1117 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1117 Datasheet PDF - Texas Instruments

Part # LM1117
Download  LM1117 Click to download

File Size   2627.47 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM1117-Q1 18V, 1A, Automotive, Fixed-Output Linear Voltage Regulator

LM1117 Datasheet (HTML) - Texas Instruments


LM1117 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
– Junction temperature: –40°C to +150°C, TJ
• Input voltage range VIN:
– Absolute maximum: 20V
– Operating range: 2.5V to 18V
• Output voltage range VOUT:
– 1.2V, 3.3V, 5V, 12V fixed
– 0.8V to 13.0V (fixed, 100mV steps) available
upon request
• Output current: Up to 1A
• Low quiescent current IQ: 65μA (typical)
• ±1% output accuracy
• High PSRR:
– 60dB at 1kHz
– 40dB at 1MHz
• Internal soft-start time: 500μs (typical)
• Foldback current limiting and thermal protection
• Stable with 1μF ceramic output capacitors
• Packages:
– SOT-223 (DCY), RθJA= 95.4°C/W
– TO-252 (KVU), RθJA= 67.2°C/W

2 Applications
• Onboard chargers
• Traction inverters
• 2-wheeler and 3-wheeler traction drives
• DC/DC converter systems

3 Description
The LM1117-Q1 is an AEC-Q100 qualified linear
voltage regulator for automotive applications. The
device provides improved performance compared
to traditional x1117 regulators, with tighter output
accuracy and low quiescent current (IQ) to minimize
standby power consumption.
The LM1117-Q1 input voltage range is from 2.5V to
18V (20V absolute maximum). The device is available
in 1.2V, 3.3V, 5V, and 12V fixed output voltages.
The wide bandwidth PSRR performance of the
LM1117-Q1 is typically greater than 60dB at 1kHz
and 40dB at 1MHz, which attenuates the switching
frequency of an upstream DC/DC converter.
Additionally, the LM1117-Q1 has an internal soft-start
feature to reduce inrush current during start-up, which
helps save space and cost in a design by minimizing
the need for input capacitance. The LM1117-Q1
features a foldback current limit that reduces the
power dissipation of the device during high-load
current faults or shorting events.




Similar Part No. - LM1117

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
800mA Low-Dropout Linear Regulator
logo
List of Unclassifed Man...
LM1117 ETC1-LM1117 Datasheet
108Kb / 8P
1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
logo
HTC Korea TAEJIN Techno...
LM1117 HTC-LM1117 Datasheet
385Kb / 12P
1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
More results


Similar Description - LM1117

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE959 NTE-NTE959 Datasheet
23Kb / 2P
Linear Integrated Circuit Voltage Regulator, Negative, -18V, 1A
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Cherry Semiconductor Co...
CS5201-3 CHERRY-CS5201-3 Datasheet
158Kb / 6P
1A, 3.3V Fixed Linear Regulator
Rev. 2/18/98
logo
Infineon Technologies A...
TLE4275V33 INFINEON-TLE4275V33 Datasheet
319Kb / 12P
Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
TLE7276 INFINEON-TLE7276_10 Datasheet
1Mb / 20P
Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.11, 2010-11-22
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Rohm
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
1A Variable Fixed Output LDO Regulator
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
FutureWafer Tech Co.,Lt...
FW78L FUTUREWAFER-FW78L Datasheet
1Mb / 19P
100mA Fixed Output Linear Regulator
22-Jan-2022 V 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com