Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1117 Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

LM1117 Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # LM1117
Download  LM1117 Download
File Size   385.01 Kbytes
Page   12 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A

LM1117 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1117 Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # LM1117
Download  LM1117 Click to download

File Size   385.01 Kbytes
Page   12 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A

LM1117 Datasheet (HTML) - HTC Korea TAEJIN Technology Co.


LM1117 Product details

DESCRIPTION
The LM1117 is a low power positive-voltage regulator designed to meet 1A output current and comply with SCSI-II specifications with a fixed output voltage of 2.85V. This device is an excellent choice for use in battery-powered applications, as active terminators for the SCSI bus, and portable computers. The LM1117 features very low quiescent current and very low dropout voltage of 1V at a full loadand lower as output current decreases. LM1117 is available as an adjustable or fixed 1.5V, 1.8V, 2.5V, 3.3V, and 5.0V output voltages.

FEATURES
● Output Current up to 1 A
● Low Dropout Voltage ( 1.2V at 1A Output Current )
● Three Terminal Adjustable(ADJ) or Fixed 1.2V,1.5V, 1.8V, 2.5V,2.85V, 3.3V, 5.0V
● Line Regulaion typically at 0.1% max
● Load Regulaion typically at 0.2% max
● Internal Current and Terminal Protection
● Maximum Input Voltage - 15V
● Surface Mount Package SOT-223, TO-252, SOT-89
● 100% Thermal Limit Burn-In




Similar Part No. - LM1117

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
800mA Low-Dropout Linear Regulator
logo
List of Unclassifed Man...
LM1117 ETC1-LM1117 Datasheet
108Kb / 8P
1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Texas Instruments
LM1117 TI-LM1117 Datasheet
1Mb / 25P
LM1117-Q1 18V, 1A, Automotive Fixed Output Linear Voltage Regulator
DECEMBER 2024
More results


Similar Description - LM1117

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
1.5A Very L.D.O Voltage Regulator
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
1A L.D.O. VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
1A Output Current Low Dropout Voltage Regulator
TA4800AF TOSHIBA-TA4800AF_09 Datasheet
225Kb / 10P
1 A Output Current Low Dropout Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
1.5A Very L.D.O Voltage Regulator
LM1117Q HTC-LM1117Q Datasheet
302Kb / 11P
1A L.D.O VOLTAGE REGULATOR Qualified to AEC-Q100 Standard
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
1.5A Very L.D.O Voltage Regulator
logo
RICOH electronics devic...
R1190 RICOH-R1190 Datasheet
2Mb / 27P
1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
April 1, 2012
logo
Nisshinbo Micro Devices...
R1190X NISSHINBO-R1190X Datasheet
2Mb / 27P
1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
R1501X NISSHINBO-R1501X Datasheet
2Mb / 28P
1A LDO REGULATOR (Operating Voltage up to 24V)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com