Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320I Datasheet (PDF) - Texas Instruments

TUSB320I Datasheet PDF - Texas Instruments
Part # TUSB320I
Download  TUSB320I Download
File Size   1535.93 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB320 USB Type-C™ Configuration Channel Logic and Port Control

TUSB320I Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB320I Datasheet PDF - Texas Instruments

Part # TUSB320I
Download  TUSB320I Click to download

File Size   1535.93 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB320 USB Type-C™ Configuration Channel Logic and Port Control

TUSB320I Datasheet (HTML) - Texas Instruments


TUSB320I Product details

1 Features
• USB Type-C™ specification 1.1
• Backward compatible with USB Type-C
specification 1.0
• Supports up to 3 A of current advertisement and
detection
• Mode configuration
– Host only – DFP (source)
– Device only – UFP (sink)
– Dual role port – DRP
• Channel configuration (CC)
– Attach of USB port detection
– Cable orientation detection
– Role detection
– Type-C current mode (default, medium, high)
• VBUS detection
• I2C or GPIO control
• Role configuration control through I2C
• Supply voltage: 2.7 V to 5 V
• Low current consumption
• Industrial temperature range of –40 to 85°C

2 Applications
• Host, device, dual role port applications
• Mobile phones
• Tablets and notebooks
• USB peripherals

3 Description
The TUSB320 device enables USB Type-C ports
with the configuration channel (CC) logic needed
for Type-C ecosystems. The TUSB320 device uses
the CC pins to determine port attach and detach,
cable orientation, role detection, and port control
for Type-C current mode. The TUSB320 device can
be configured as a downstream facing port (DFP),
upstream facing port (UFP) or a dual role port (DRP)
making it ideal for any application.
The TUSB320 device alternates configuration as a
DFP or UFP according to the Type-C specifications.
The CC logic block monitors the CC1 and CC2 pins
for pullup or pulldown resistances to determine when
USB port has been attached, the orientation of the
cable, and the role detected. The CC logic detects
the Type-C current mode as default, medium, or high
depending on the role detected. VBUS detection is
implemented to determine a successful attach in UFP
and DRP modes.
The device operates over a wide supply range and
has low-power consumption. The TUSB320 device
is available in industrial and commercial temperature
ranges.




Similar Part No. - TUSB320I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB320I TI1-TUSB320I Datasheet
1Mb / 35P
USB Type-C Configuration Channel Logic and Port Control
TUSB320IRWBR TI1-TUSB320IRWBR Datasheet
1Mb / 35P
USB Type-C Configuration Channel Logic and Port Control
More results


Similar Description - TUSB320I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB321AI TI1-TUSB321AI Datasheet
825Kb / 21P
USB Type-C Configuration Channel Logic and Port Control
TUSB322I TI1-TUSB322I Datasheet
1Mb / 37P
Configuration Channel Logic and Port Control
TUSB321AI TI1-TUSB321AI_15 Datasheet
825Kb / 21P
TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
TUSB322I TI1-TUSB322I_15 Datasheet
1Mb / 37P
TUSB322I USB Type-C??Configuration Channel Logic and Port Control with VCONN
TUSB320 TI1-TUSB320 Datasheet
1Mb / 35P
USB Type-C Configuration Channel Logic and Port Control
TUSB320HI TI1-TUSB320HI Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB320LAI TI1-TUSB320LAI Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB321 TI1-TUSB321 Datasheet
1Mb / 24P
USB Type-C Configuration Channel Logic and Port Control with VCONN
TUSB422 TI1-TUSB422 Datasheet
2Mb / 71P
USB Type-C Port Control with Power Delivery
logo
Will Semiconductor Ltd.
WUSB3801 WILLSEMI-WUSB3801 Datasheet
323Kb / 16P
USB Type-C Configuration Channel Flippable Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com