Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320I Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB320I
Description  TUSB320 USB Type-C™ Configuration Channel Logic and Port Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320I Datasheet(HTML) 3 Page - Texas Instruments

  TUSB320I Datasheet HTML 1Page - Texas Instruments TUSB320I Datasheet HTML 2Page - Texas Instruments TUSB320I Datasheet HTML 3Page - Texas Instruments TUSB320I Datasheet HTML 4Page - Texas Instruments TUSB320I Datasheet HTML 5Page - Texas Instruments TUSB320I Datasheet HTML 6Page - Texas Instruments TUSB320I Datasheet HTML 7Page - Texas Instruments TUSB320I Datasheet HTML 8Page - Texas Instruments TUSB320I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
• Updated Section 6.6 table with new values........................................................................................................ 7
• Added Data hold time, Data valid time, Data valid acknowledge time, and Cbus_400kHz values to Section 6.6
table.................................................................................................................................................................... 7
• Changed the Section 6.7 table .......................................................................................................................... 7
• Added Note: "SW must make sure..." to the Description of INTERRUPT_STATUS in Table 7-7 .................... 16
• Added text to list item 2 in the Section 8.3 section........................................................................................... 27
Changes from Revision * (May 2015) to Revision A (June 2015)
Page
• Changed device status of TUSB320 from Product Preview to Production Data ............................................... 1
www.ti.com
TUSB320, TUSB320I
SLLSEN9F – MAY 2015 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TUSB320 TUSB320I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com