Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320I Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB320I
Description  TUSB320 USB Type-C™ Configuration Channel Logic and Port Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320I Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB320I Datasheet HTML 12Page - Texas Instruments TUSB320I Datasheet HTML 13Page - Texas Instruments TUSB320I Datasheet HTML 14Page - Texas Instruments TUSB320I Datasheet HTML 15Page - Texas Instruments TUSB320I Datasheet HTML 16Page - Texas Instruments TUSB320I Datasheet HTML 17Page - Texas Instruments TUSB320I Datasheet HTML 18Page - Texas Instruments TUSB320I Datasheet HTML 19Page - Texas Instruments TUSB320I Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Note
If no sub-addressing is included for the read procedure, then the reads start at register offset 00h and
continue byte-by-byte through the registers until the I2C controller terminates the read operation. If a
I2C address write occurred prior to the read, then the reads start at the sub-address specified by the
address write.
7.6 Register Maps
Table 7-6. CSR Registers
ACCESS
TAG
NAME
MEANING
R
Read
The field may be read by software.
W
Write
The field may be written by software.
S
Set
The field may be set by a write of one. Writes of zeros to the field have no effect.
C
Clear
The field may be cleared by a write of one. Writes of zeros to the field have no effect.
U
Update
Hardware may autonomously update this field.
NA
No Access
Not accessible or not applicable.
Table 7-7. CSR Registers Bit Address and Description
ADDRESS
BIT(S)
BIT NAME
DESCRIPTION
ACCESS
0x00 – 0x07
7:0
DEVICE_ID
For the TUSB320 device these fields return a string of
ASCII characters returning TUSB320
Addresses 0x07 - 0x00 = {0x00 0x54 0x55 0x53 0x42 0x33
0x32 0x30}
R
TUSB320, TUSB320I
SLLSEN9F – MAY 2015 – REVISED MARCH 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB320 TUSB320I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com