Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320LAI Datasheet (PDF) - Texas Instruments

TUSB320LAI Datasheet PDF - Texas Instruments
Part # TUSB320LAI
Download  TUSB320LAI Download
File Size   1254.71 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB320LAI, TUSB320HAI USB Type-C Configuration Channel Logic and Port Control

TUSB320LAI Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB320LAI Datasheet PDF - Texas Instruments

Part # TUSB320LAI
Download  TUSB320LAI Click to download

File Size   1254.71 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB320LAI, TUSB320HAI USB Type-C Configuration Channel Logic and Port Control

TUSB320LAI Datasheet (HTML) - Texas Instruments


TUSB320LAI Product details

1 Features
1• USB Type-C™ Specification 1.1
• Backward Compatible with USB Type-C
Specification 1.0
• Supports Up to 3 A of Current Advertisement and
Detection
• Mode Configuration
– Host Only – DFP (Source)
– Device Only – UFP (Sink)
– Dual Role Port – DRP
– Supports both Try.SRC and Try.SNK
• Channel Configuration (CC)
– Attach of USB Port Detection
– Cable Orientation Detection
– Role Detection
– Type-C Current Mode (Default, Medium, High)
• VBUS Detection
• I2C or GPIO Control
• Supports up to 400 kHz I2C
• Role Configuration Control Through I2C
• Supply Voltage: 2.7 V to 5 V
• Low Current Consumption
• Industrial Temperature Range of –40 to 85°C

2 Applications
• Host, Device, Dual Role Port Applications
• Mobile Phones
• Tablets and Notebooks
• USB Peripherals

3 Description
The TUSB320LA and TUSB320HA devices, hereafter
called TUSB320 unless otherwise noted, are Texas
Instrument's third generation Type-C configuration
channel logic and port controller. The TUSB320
devices use the CC pins to determine port attach and
detach, cable orientation, role detection, and port
control for Type-C current mode. The TUSB320
devices can be configured as a downstream facing
port (DFP), upstream facing port (UFP) or a dual role
port (DRP) making them ideal for any application.
The TUSB320 devices have an alternate
configuration as a DFP or UFP according to the
Type-C specifications. The CC logic block monitors
the CC1 and CC2 pins for pullup or pulldown
resistances to determine when a USB port has been
attached, the orientation of the cable, and the role
detected. The CC logic detects the Type-C current
mode as default, medium, or high depending on the
role detected. VBUS detection is implemented to
determine a successful attach in UFP and DRP
modes.
The devices operate over a wide supply range and
have low-power consumption. The TUSB320 is
available in two versions of enable: Active low enable
called TUSB320LA and active high enable called
TUSB320HA. The TUSB320 family of devices are
available in industrial temperature ranges.




Similar Part No. - TUSB320LAI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB320LAI TI1-TUSB320LAI Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB320LAIRWBR TI1-TUSB320LAIRWBR Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
More results


Similar Description - TUSB320LAI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB321AI TI1-TUSB321AI Datasheet
825Kb / 21P
USB Type-C Configuration Channel Logic and Port Control
TUSB322I TI1-TUSB322I Datasheet
1Mb / 37P
Configuration Channel Logic and Port Control
TUSB321AI TI1-TUSB321AI_15 Datasheet
825Kb / 21P
TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
TUSB322I TI1-TUSB322I_15 Datasheet
1Mb / 37P
TUSB322I USB Type-C??Configuration Channel Logic and Port Control with VCONN
TUSB320 TI1-TUSB320 Datasheet
1Mb / 35P
USB Type-C Configuration Channel Logic and Port Control
TUSB320HI TI1-TUSB320HI Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB320LAI TI1-TUSB320LAI Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB321 TI1-TUSB321 Datasheet
1Mb / 24P
USB Type-C Configuration Channel Logic and Port Control with VCONN
TUSB422 TI1-TUSB422 Datasheet
2Mb / 71P
USB Type-C Port Control with Power Delivery
logo
Will Semiconductor Ltd.
WUSB3801 WILLSEMI-WUSB3801 Datasheet
323Kb / 16P
USB Type-C Configuration Channel Flippable Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com