Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320LAI Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB320LAI
Description  TUSB320LAI, TUSB320HAI USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320LAI Datasheet(HTML) 2 Page - Texas Instruments

  TUSB320LAI Datasheet HTML 1Page - Texas Instruments TUSB320LAI Datasheet HTML 2Page - Texas Instruments TUSB320LAI Datasheet HTML 3Page - Texas Instruments TUSB320LAI Datasheet HTML 4Page - Texas Instruments TUSB320LAI Datasheet HTML 5Page - Texas Instruments TUSB320LAI Datasheet HTML 6Page - Texas Instruments TUSB320LAI Datasheet HTML 7Page - Texas Instruments TUSB320LAI Datasheet HTML 8Page - Texas Instruments TUSB320LAI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
TUSB320LAI, TUSB320HAI
SLLSEQ8D – OCTOBER 2015 – REVISED MAY 2017
www.ti.com
Product Folder Links: TUSB320LAI TUSB320HAI
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Timing Requirements ................................................ 6
6.7
Switching Characteristics .......................................... 6
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Feature Description................................................... 9
7.3
Device Functional Modes........................................ 13
7.4
Programming........................................................... 15
7.5
Register Maps ......................................................... 16
8
Application and Implementation ........................ 21
8.1
Application Information............................................ 21
8.2
Typical Application .................................................. 21
8.3
Initialization Setup .................................................. 28
9
Power Supply Recommendations ...................... 28
10
Layout................................................................... 29
10.1
Layout Guidelines ................................................. 29
10.2
Layout Example .................................................... 29
11
Device and Documentation Support ................. 30
11.1
Related Links ........................................................ 30
11.2
Receiving Notification of Documentation Updates 30
11.3
Community Resources.......................................... 30
11.4
Trademarks ........................................................... 30
11.5
Electrostatic Discharge Caution ............................ 30
11.6
Glossary ................................................................ 30
12
Mechanical, Packaging, and Orderable
Information ........................................................... 30
4 Revision History
Changes from Revision C (October 2016) to Revision D
Page
•
Changed RVBUS values From: MIN = 891, TYP = 900, MAX = 909 KΩ To: MIN = 855, TYP = 887, MAX = 920 KΩ ........... 6
Changes from Revision B (September 2016) to Revision C
Page
•
Changed text for Pin 7 in the Pin Functions table From: "default current mode detected (H); medium or high current
mode detected (L)." To: "Refer to Table 3 for more details." ................................................................................................ 3
•
Changed text for Pin 8 in the Pin Functions table From: "default or medium current mode detected (H); high current
mode detected (L)." To: "Refer to Table 3 for more details." ................................................................................................ 3
Changes from Revision A (March 2016) to Revision B
Page
•
Changed pins CC1 and CC2 values From: MIN = –0.3 MAX = VDD + 0.3 To: MIN –0.3 MAX = 6 in the Absolute
Maximum Ratings ................................................................................................................................................................... 4
Changes from Original (October 2015) to Revision A
Page
•
Added Note 1 and 2 to the Pin Functions table...................................................................................................................... 3
•
Changed the DESCRIPTION of pin EN_N pin in the Pin Functions table ............................................................................. 3
•
Changed the DESCRIPTION of pin EN pin in the Pin Functions table.................................................................................. 3
•
Changed the DESCRIPTION of pin VDD in the Pin Functions table ....................................................................................... 3
•
Added Note 2 to the Electrical Characteristics table ............................................................................................................. 5
•
Added Test Condition "See Figure 1" to VBUS_THR in the Electrical Characteristics ......................................................... 6
•
Changed the last sentence of the Debug Accessory section............................................................................................... 12
•
Added Note: "SW must make sure..." to the Description of INTERRUPT_STATUS in Table 9 ......................................... 18
•
Added text to list item 2 in the TUSB320LA Initialization Procedure section ....................................................................... 28
•
Added text to list item 2 in the TUSB320HA Initialization Procedure section ...................................................................... 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com