Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320LAI Datasheet(PDF) 24 Page - Texas Instruments

Part # TUSB320LAI
Description  TUSB320LAI, TUSB320HAI USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320LAI Datasheet(HTML) 24 Page - Texas Instruments

Back Button TUSB320LAI Datasheet HTML 20Page - Texas Instruments TUSB320LAI Datasheet HTML 21Page - Texas Instruments TUSB320LAI Datasheet HTML 22Page - Texas Instruments TUSB320LAI Datasheet HTML 23Page - Texas Instruments TUSB320LAI Datasheet HTML 24Page - Texas Instruments TUSB320LAI Datasheet HTML 25Page - Texas Instruments TUSB320LAI Datasheet HTML 26Page - Texas Instruments TUSB320LAI Datasheet HTML 27Page - Texas Instruments TUSB320LAI Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
A1
A12
B12
B1
A2
A3
A4
A5
A11
A6
A7
A8
A9
A10
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
VBUS
DP
DM
CC1
CC2
TUSB320LA
CC1
CC2
VBUS_DET
900K
USB VBUS Switch
(optional BC 1.2 support for legacy)
DM_IN
DP_IN
VOUT
DM_OUT
DP_OUT
VIN
150uF
System VBUS
PORT
100nF
VDD_5V
USB2
OTG
and
PMIC
4.7K
4.7K
SDA/OUT1
SCL/OUT2
INT_N/OUT3
ID
200K
200K
I2C I/O
1.8V or 3.3V
EN
SCL
SDA
FAULT#
DM
DP
PS_EN
PS_FAULT#
VBUS
ID
INT#
SCL
SDA
200K
CC/Mode
Controller
PMIC
TUSB320
VDD
VPH
CC1
CC2
DP
DM
PORT
VBUS
ID
Processor
GPIOs
VBUS
VDD
I2C
Copyright © 2016, Texas Instruments Incorporated
CC/Mode
Controller
TUSB320
VDD
CC1
CC2
DP
DM
ID
PORT
Processor
GPIOs
Legacy TypeA
Switch
5 V
VBUS
VBUS
2.7 - 5 V
VDD
I2C
Copyright © 2016, Texas Instruments Incorporated
24
TUSB320LAI, TUSB320HAI
SLLSEQ8D – OCTOBER 2015 – REVISED MAY 2017
www.ti.com
Product Folder Links: TUSB320LAI TUSB320HAI
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8.2.2 DFP in I2C Mode
Figure 14 and Figure 15 show a Type-C configuration for the DFP mode.
Figure 14. TUSB320 in DFP Mode Supporting Default
Implementation
Figure 15. TUSB320 in DFP Mode Supporting Advanced
Power Delivery
Figure 16 shows the TUSB320 device configured as a DFP in I2C mode.
Figure 16. DFP in I2C Mode Schematic
8.2.2.1 Design Requirements
For this design example, use the parameters listed in Table 15:
Table 15. Design Requirements for DFP in I2C Mode
DESIGN PARAMETER
VALUE
VDD (2.75 V to 5 V)
5 V
Mode (I2C or GPIO)
I2C: ADDR pin must be pulled down or pulled up
I2C address (0x67 or 0x47)
0x47: ADDR pin must be pulled low or tied to GND
Type-C port type (UFP, DFP, or DRP)
DFP: PORT pin is pulled up
Shutdown support
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com