Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320LAI Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB320LAI
Description  TUSB320LAI, TUSB320HAI USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320LAI Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB320LAI Datasheet HTML 9Page - Texas Instruments TUSB320LAI Datasheet HTML 10Page - Texas Instruments TUSB320LAI Datasheet HTML 11Page - Texas Instruments TUSB320LAI Datasheet HTML 12Page - Texas Instruments TUSB320LAI Datasheet HTML 13Page - Texas Instruments TUSB320LAI Datasheet HTML 14Page - Texas Instruments TUSB320LAI Datasheet HTML 15Page - Texas Instruments TUSB320LAI Datasheet HTML 16Page - Texas Instruments TUSB320LAI Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
13
TUSB320LAI, TUSB320HAI
www.ti.com
SLLSEQ8D – OCTOBER 2015 – REVISED MAY 2017
Product Folder Links: TUSB320LAI TUSB320HAI
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
Required; not in sequential order.
7.3 Device Functional Modes
The TUSB320 device has four functional modes. Table 4 lists these modes:
Table 4. USB Type-C States According to TUSB320 Functional Modes
MODES
GENERAL BEHAVIOR
PORT PIN
STATES(1)
Unattached
USB port unattached. ID, PORT
operational. I2C on. CC pins
configure according to PORT pin.
UFP
Unattached.SNK
Unattached.Accessory
AttachWait.Accessory
AttachWait.SNK
DRP
Toggle Unattached.SNK
→ Unattached.SRC
AttachedWait.SRC or AttachedWait.SNK
DFP
Unattached.SRC
AttachWait.SRC
Active
USB port attached. All GPIOs
operational. I2C on.
UFP
Attached.SNK
Audio accessory
Debug accessory.SNK
DRP
Attached.SNK
Attached.SRC
Audio accessory
Debug accessory.SNK or Debug accessory.SRC
DFP
Attached.SRC
Audio accessory
Debug accessory.SRC
Dead battery
No operation.
VDD not available.
UFP/DRP/DFP
Default device state to UFP/SNK with Rd.
Shutdown
VDD available.
TUSB320LA EN_N pin high.
TUSB320HA EN pin low.
UFP/DRP/DFP
Default device state to UFP/SNK with Rd.
7.3.1 Unattached Mode
Unattached mode is the primary mode of operation for the TUSB320 device, because a USB port can be
unattached for a lengthy period of time. In unattached mode, VDD is available, and all IOs and I
2C are
operational. After the TUSB320 device is powered up, the part enters unattached mode until a successful attach
has been determined. Initially, right after power up, the TUSB320 device comes up as an Unattached.SNK. The
TUSB320 device checks the PORT pin and operates according to the mode configuration. The TUSB320 device
toggles between the UFP and the DFP if configured as a DRP. In unattached mode, I2C can be used to change
the mode configuration or port role if the board configuration of the PORT pin is not the desired mode. Writing to
the I2C MODE_SELECT register can override the PORT pin in unattached mode. The PORT pin is only sampled
at reset (EN_N high to low transition for the TUSB320LA device or the EN low to high transition for
theTUSB320HA device), after I2C_SOFT_RESET, or power up. I2C must be used after reset to change the
device mode configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com