Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX810 Datasheet (PDF) - Texas Instruments

TX810 Datasheet PDF - Texas Instruments
Part # TX810
Download  TX810 Download
File Size   3026.82 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-Channel, Programmable T/R Switch for Ultrasound

TX810 Datasheet (PDF)

Go To PDF Page Download Datasheet
TX810 Datasheet PDF - Texas Instruments

Part # TX810
Download  TX810 Click to download

File Size   3026.82 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-Channel, Programmable T/R Switch for Ultrasound

TX810 Datasheet (HTML) - Texas Instruments


TX810 Product details

1FEATURES
2• Compact T/R Switch for Ultrasound
• Flexible Programmability
– 8 Bias Current Settings
– 8 Power/Performance Combinations
– Easy Power-Up/Down control
• Fast Wake Up Time
• Dual Supply Operation
• Optimized Insertion Loss

APPLICATIONS
• Medical Ultrasound
• Industrial Ultrasound

DESCRIPTION
The TX810 provides an integrated solution for a wide
range of ultrasound applications. It is an 8 channel,
current programmable, transmit/receive switch in a
small 6mm × 6mm package.
The internal diodes limit the output voltage when high
voltage transmitter signals are applied to the input.
While the insertion loss of TX810 is minimized during
receive mode.
Unlike conventional T/R switches, the TX810 contains
a 3-bit interface used to program bias current from
7mA to 0mA for different performance and power
requirements. When the TX810 bias current is set as
0mA (i.e., high-impedance mode), the device is
configured as power-down mode. In the
high-impedance mode, TX810 does not add
additional load to high-voltage transmitters. In
addition, the device can wake up from power-down
mode in less than 1μs. With these advanced
programmability features, significant power saving
can be achieved in systems.




Similar Part No. - TX810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TX810 TI-TX810 Datasheet
2Mb / 17P
8-Channel, Programmable T/R Switch for Ultrasound
TX810 TI-TX810 Datasheet
2Mb / 19P
8-Channel, Programmable T/R Switch for Ultrasound
TX810 TI1-TX810 Datasheet
3Mb / 20P
8-Channel, Programmable T/R Switch for Ultrasound
TX810IRHHR TI-TX810IRHHR Datasheet
2Mb / 17P
8-Channel, Programmable T/R Switch for Ultrasound
TX810IRHHR TI-TX810IRHHR Datasheet
2Mb / 19P
8-Channel, Programmable T/R Switch for Ultrasound
More results


Similar Description - TX810

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
Power Amplifier with T/R Switch for 802.11b
logo
DAICO Industries, Inc.
100D1827 DAICO-100D1827 Datasheet
26Kb / 1P
T/R - Switch / LNA Assembly
CSA09247 DAICO-CSA09247 Datasheet
35Kb / 1P
Combination T/R - Switch / LNA
logo
Texas Instruments
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
TX810 TI-TX810 Datasheet
2Mb / 17P
8-Channel, Programmable T/R Switch for Ultrasound
TX810 TI-TX810_1 Datasheet
2Mb / 19P
8-Channel, Programmable T/R Switch for Ultrasound
logo
Supertex, Inc
MD0105 SUTEX-MD0105 Datasheet
674Kb / 5P
Four-Channel High Voltage Protection T/R Switch
logo
Texas Instruments
TX810 TI1-TX810_14 Datasheet
3Mb / 20P
8-Channel, Programmable T/R Switch for Ultrasound
logo
Supertex, Inc
MD0105K6-G SUTEX-MD0105K6-G Datasheet
659Kb / 5P
Four-Channel High Voltage Protection T/R Switch
HV7351K6-G SUTEX-HV7351K6-G Datasheet
924Kb / 15P
Eight Channel Programmable High Voltage Ultrasound Transmit Beamformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com