Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA09247 Datasheet (PDF) - DAICO Industries, Inc.

CSA09247 Datasheet PDF - DAICO Industries, Inc.
Part # CSA09247
Download  CSA09247 Download
File Size   35.5 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description Combination T/R - Switch / LNA

CSA09247 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSA09247 Datasheet PDF - DAICO Industries, Inc.

Part # CSA09247
Download  CSA09247 Click to download

File Size   35.5 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description Combination T/R - Switch / LNA

CSA09247 Datasheet (HTML) - DAICO Industries, Inc.




Similar Part No. - CSA09247

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSA09034 DAICO-CSA09034 Datasheet
37Kb / 1P
SP4T Switch Assembly
CSA09035 DAICO-CSA09035 Datasheet
30Kb / 1P
Digital Attenuator Assembly
CSA09147 DAICO-CSA09147 Datasheet
133Kb / 1P
Combination T/R - Switch / LNA
More results


Similar Description - CSA09247

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ Datasheet
58Kb / 4P
5.0 - 6.0 SPDT T/R Switch
logo
Hittite Microwave Corpo...
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
GaAs MMIC T/R SWITCH DC - 3 GHz
logo
DAICO Industries, Inc.
100D1827 DAICO-100D1827 Datasheet
26Kb / 1P
T/R - Switch / LNA Assembly
CSA09147 DAICO-CSA09147 Datasheet
133Kb / 1P
Combination T/R - Switch / LNA
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ_1 Datasheet
176Kb / 3P
SPDT T/R Switch 5.0 - 6.0 GHz
logo
Texas Instruments
TX810 TI-TX810 Datasheet
2Mb / 17P
8-Channel, Programmable T/R Switch for Ultrasound
logo
Hittite Microwave Corpo...
HMC544 HITTITE-HMC544_08 Datasheet
195Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4 GHz
logo
Supertex, Inc
MD0105K6-G SUTEX-MD0105K6-G Datasheet
659Kb / 5P
Four-Channel High Voltage Protection T/R Switch
MD0100N8-G SUTEX-MD0100N8-G Datasheet
1Mb / 9P
High Voltage Protection T/R Switch
logo
Guerrilla RF, Inc.
GRF2581 GUERRILLA-GRF2581 Datasheet
930Kb / 13P
LNA T/R Switch Tuning Range: 2.4 to 6.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com